Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSS555C Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # CSS555C
Description  Micropower Timer (with Internal Timing Capacitor)
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CSS555C Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button CSS555C Datasheet HTML 5Page - List of Unclassifed Manufacturers CSS555C Datasheet HTML 6Page - List of Unclassifed Manufacturers CSS555C Datasheet HTML 7Page - List of Unclassifed Manufacturers CSS555C Datasheet HTML 8Page - List of Unclassifed Manufacturers CSS555C Datasheet HTML 9Page - List of Unclassifed Manufacturers CSS555C Datasheet HTML 10Page - List of Unclassifed Manufacturers CSS555C Datasheet HTML 11Page - List of Unclassifed Manufacturers CSS555C Datasheet HTML 12Page - List of Unclassifed Manufacturers CSS555C Datasheet HTML 13Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
Custom Silicon Solutions, Inc. ©2009
10
Version 1.1, May 2009
CSS555C
Micropower Timer (with Internal Timing Capacitor)
Typical Performance Characteristics
Figure 21 Supply Current (Micro Power)
Figure 22 Supply Current (Low Power)
Figure 23 Frequency Drift vs. VDD
Figure 24 Frequency Drift vs. Temperature
Figure 25 Propagation Delay (Standard VDD)
Figure 26 Propagation Delay (Low VDD)
Normalized Frequency Drift vs. VDD
-2.0
-1.5
-1.0
-0.5
0.0
0.5
1.0
1.5
2.0
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
VDD (V)
Std. VDD
Low VDD
Astable Mode
CT = 1nF; RA,RB = 1Meg
Temperature = 25C
Normalized Frequency Drift vs. Temperature
-2.0
-1.5
-1.0
-0.5
0.0
0.5
1.0
1.5
2.0
-50
-25
0
25
50
75
100
Temperature (deg. C)
VDD = 5.0V
VDD = 3.0V
VDD = 2.0V
Astable Mode
CT = 10nF; RA,RB = 100K
Propagation Delay vs. Trigger
Level
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
0
5
10
15
20
25
30
35
Trigger Low Level (%VDD)
VDD
5V
3V
2V
Power Setting
Micro
Low
Standard Trip Levels (1/3 & 2/3 VDD)
Propagation Delay vs. Trigger
Level
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
0
1
2
3
4
5
6
7
8
9
10
Trigger Low Level (%VDD)
Low VDD Trip Levels (10% & 90%)
Power Setting
Micro
Low
VDD
3.0V
2.0V
1.5V
IDD vs. VDD & Temperature
0
2
4
6
8
10
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
VDD (V)
+125C
+85C
+25C
-40C
Power Setting = Micro
IDD vs. VDD & Temperature
0
5
10
15
20
25
30
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
VDD (V)
+125C
+85C
+25C
-40C
Power Setting = Low



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com