Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSS555C Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # CSS555C
Description  Micropower Timer (with Internal Timing Capacitor)
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CSS555C Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button CSS555C Datasheet HTML 5Page - List of Unclassifed Manufacturers CSS555C Datasheet HTML 6Page - List of Unclassifed Manufacturers CSS555C Datasheet HTML 7Page - List of Unclassifed Manufacturers CSS555C Datasheet HTML 8Page - List of Unclassifed Manufacturers CSS555C Datasheet HTML 9Page - List of Unclassifed Manufacturers CSS555C Datasheet HTML 10Page - List of Unclassifed Manufacturers CSS555C Datasheet HTML 11Page - List of Unclassifed Manufacturers CSS555C Datasheet HTML 12Page - List of Unclassifed Manufacturers CSS555C Datasheet HTML 13Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
Custom Silicon Solutions, Inc. ©2009
13
Version 1.1, May 2009
CSS555C
Micropower Timer (with Internal Timing Capacitor)
PACKAGE DRAWINGS
Pinout Diagram
SOIC Mechanical Drawing
Figure 35
Table 7
PDIP Mechanical Drawing
Table 8
SOIC Dimensions
Inches
Millimeters
Symbol
MIN
MAX
MIN
MAX
A
0.053
0.069
1.35
1.75
A1
0.004
0.010
0.10
0.25
B
0.014
0.019
0.35
0.49
C
0.007
0.010
0.19
0.25
D
0.189
0.197
4.80
5.00
E
0.150
0.157
3.80
4.00
e
0.050
1.27
H
0.228
0.244
5.80
6.20
h
0.010
0.020
0.25
0.50
L
0.016
0.050
0.40
1.27
α
0°
8°
0°
8°
PDIP Dimensions
Inches
Millimeters
Symbol
MIN
MAX
MIN
MAX
A1
0.015
-
0.38
-
A2
0.128
0.132
3.25
3.35
b
0.014
0.022
0.36
0.56
b2
0.057
0.068
1.45
1.73
b3
0.032
0.046
0.81
1.17
C
0.010
0.012
0.25
0.30
D
0.375
0.385
9.53
9.78
E
0.300
0.320
7.62
8.13
E1
0.245
0.255
6.22
6.48
e
0.100
2.54
eB
0.330
0.370
8.38
9.40
Q1
0.055
0.080
1.40
2.03
S
0.025
0.080
0.06
2.03
α
3°
8°
3°
8°
CSS
CSS555C-IS
YYWWG
E
H
Pin 1 Indicator
e
B
A
A1
D
h
C
α
7°Typ
L
0°min
CSS
CSS555C-ID
YYWWG
E1
e
A2
b
A1
D
b2
b3
S
Q1
C
α
eB
E
GND
TRIGGER
OUTPUT
RESET
VDD
DISCHARGE
THRESHOLD
CONTROL V
8
7
6
5
1
2
3
4
Figure 36
Figure 37



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com