Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT80C51RA2-RLSIV Datasheet(PDF) 42 Page - International Rectifier

Part # AT80C51RA2-RLSIV
Description  High Performance 8-bit Microcontroller
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

AT80C51RA2-RLSIV Datasheet(HTML) 42 Page - International Rectifier

Back Button AT80C51RA2-RLSIV Datasheet HTML 38Page - International Rectifier AT80C51RA2-RLSIV Datasheet HTML 39Page - International Rectifier AT80C51RA2-RLSIV Datasheet HTML 40Page - International Rectifier AT80C51RA2-RLSIV Datasheet HTML 41Page - International Rectifier AT80C51RA2-RLSIV Datasheet HTML 42Page - International Rectifier AT80C51RA2-RLSIV Datasheet HTML 43Page - International Rectifier AT80C51RA2-RLSIV Datasheet HTML 44Page - International Rectifier AT80C51RA2-RLSIV Datasheet HTML 45Page - International Rectifier AT80C51RA2-RLSIV Datasheet HTML 46Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 85 page
background image
42
4188E–8051–08/06
AT/TS8xC51Rx2
Table 6-18.
IP Register
IP - Interrupt Priority Register (B8h)
Reset Value = X000 0000b
Bit addressable
76
543
210
-
PPC
PT2
PS
PT1
PX1
PT0
PX0
Bit Number
Bit Mnemonic
Description
7-
Reserved
The value read from this bit is indeterminate. Do not set this bit.
6
PPC
PCA interrupt priority bit
Refer to PPCH for priority level.
5PT2
Timer 2 overflow interrupt Priority bit
Refer to PT2H for priority level.
4PS
Serial port Priority bit
Refer to PSH for priority level.
3PT1
Timer 1 overflow interrupt Priority bit
Refer to PT1H for priority level.
2
PX1
External interrupt 1 Priority bit
Refer to PX1H for priority level.
1PT0
Timer 0 overflow interrupt Priority bit
Refer to PT0H for priority level.
0
PX0
External interrupt 0 Priority bit
Refer to PX0H for priority level.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com