Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT80C51RA2-RLSIV Datasheet(PDF) 46 Page - International Rectifier

Part # AT80C51RA2-RLSIV
Description  High Performance 8-bit Microcontroller
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

AT80C51RA2-RLSIV Datasheet(HTML) 46 Page - International Rectifier

Back Button AT80C51RA2-RLSIV Datasheet HTML 42Page - International Rectifier AT80C51RA2-RLSIV Datasheet HTML 43Page - International Rectifier AT80C51RA2-RLSIV Datasheet HTML 44Page - International Rectifier AT80C51RA2-RLSIV Datasheet HTML 45Page - International Rectifier AT80C51RA2-RLSIV Datasheet HTML 46Page - International Rectifier AT80C51RA2-RLSIV Datasheet HTML 47Page - International Rectifier AT80C51RA2-RLSIV Datasheet HTML 48Page - International Rectifier AT80C51RA2-RLSIV Datasheet HTML 49Page - International Rectifier AT80C51RA2-RLSIV Datasheet HTML 50Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 85 page
background image
46
4188E–8051–08/06
AT/TS8xC51Rx2
6.8
Hardware Watchdog Timer
The WDT is intended as a recovery method in situations where the CPU may be subjected to
software upset. The WDT consists of a 14-bit counter and the WatchDog Timer ReSeT
(WDTRST) SFR. The WDT is by default disabled from exiting reset. To enable the WDT, user
must write 01EH and 0E1H in sequence to the WDTRST, SFR location 0A6H. When WDT is
enabled, it will increment every machine cycle while the oscillator is running and there is no way
to disable the WDT except through reset (either hardware reset or WDT overflow reset). When
WDT overflows, it will drive an output RESET HIGH pulse at the RST-pin.
6.8.1
Using the WDT
To enable the WDT, user must write 01EH and 0E1H in sequence to the WDTRST, SFR loca-
tion 0A6H. When WDT is enabled, the user needs to service it by writing to 01EH and 0E1H to
WDTRST to avoid WDT overflow. The 14-bit counter overflows when it reaches 16383 (3FFFH)
and this will reset the device. When WDT is enabled, it will increment every machine cycle while
the oscillator is running. This means the user must reset the WDT at least every 16383 machine
cycle. To reset the WDT the user must write 01EH and 0E1H to WDTRST. WDTRST is a write
only register. The WDT counter cannot be read or written. When WDT overflows, it will generate
an output RESET pulse at the RST-pin. The RESET pulse duration is 96 x T
OSC , where TOSC =
1/F
OSC . To make the best use of the WDT, it should be serviced in those sections of code that
will periodically be executed within the time required to prevent a WDT reset.
To have a more powerful WDT, a 2
7 counter has been added to extend the Time-out capability,
ranking from 16ms to 2s @ FOSC = 12MHz. To manage this feature, refer to WDTPRG register
description, Table 6-22 (SFR0A7h).
Table 6-21.
WDTRST Register
WDTRST Address (0A6h)
Write only, this SFR is used to reset/enable the WDT by writing 01EH then 0E1H in sequence.
Table 6-22.
WDTPRG Register
WDTPRG Address (0A7h)
76
5
4
3
2
1
Reset value
X
X
X
X
X
X
X
7
6
5
4
3
2
1
0
T4
T3
T2
T1
T0
S2
S1
S0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com