Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT80C51RA2-RLSIV Datasheet(PDF) 47 Page - International Rectifier

Part # AT80C51RA2-RLSIV
Description  High Performance 8-bit Microcontroller
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

AT80C51RA2-RLSIV Datasheet(HTML) 47 Page - International Rectifier

Back Button AT80C51RA2-RLSIV Datasheet HTML 43Page - International Rectifier AT80C51RA2-RLSIV Datasheet HTML 44Page - International Rectifier AT80C51RA2-RLSIV Datasheet HTML 45Page - International Rectifier AT80C51RA2-RLSIV Datasheet HTML 46Page - International Rectifier AT80C51RA2-RLSIV Datasheet HTML 47Page - International Rectifier AT80C51RA2-RLSIV Datasheet HTML 48Page - International Rectifier AT80C51RA2-RLSIV Datasheet HTML 49Page - International Rectifier AT80C51RA2-RLSIV Datasheet HTML 50Page - International Rectifier AT80C51RA2-RLSIV Datasheet HTML 51Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 85 page
background image
47
4188E–8051–08/06
AT/TS8xC51Rx2
Reset value XXXX X000
6.8.2
WDT during Power-down and Idle
In Power-down mode the oscillator stops, which means the WDT also stops. While in Power-
down mode the user does not need to service the WDT. There are 2 methods of exiting Power-
down mode: by a hardware reset or via a level activated external interrupt which is enabled prior
to entering Power-down mode. When Power-down is exited with hardware reset, servicing the
WDT should occur as it normally should whenever the TS80C51Rx2 is reset. Exiting Power-
down with an interrupt is significantly different. The interrupt is held low long enough for the
oscillator to stabilize. When the interrupt is brought high, the interrupt is serviced. To prevent the
WDT from resetting the device while the interrupt pin is held low, the WDT is not started until the
interrupt is pulled high. It is suggested that the WDT be reset during the interrupt service routine.
To ensure that the WDT does not overflow within a few states of exiting of powerdown, it is best
to reset the WDT just before entering powerdown.
In the Idle mode, the oscillator continues to run. To prevent the WDT from resetting the
TS80C51Rx2 while in Idle mode, the user should always set up a timer that will periodically exit
Idle, service the WDT, and re-enter Idle mode.
Bit
Number
Bit
Mnemonic
Description
7T4
Reserved
Do not try to set or clear this bit.
6T3
5T2
4T1
3T0
2
S2
WDT Time-out select bit 2
1
S1
WDT Time-out select bit 1
0
S0
WDT Time-out select bit 0
S2
S1
S0Selected Time-out
000(2
14 - 1) machine cycles, 16.3 ms @ 12 MHz
001(215 - 1) machine cycles, 32.7 ms @ 12 MHz
010(216 - 1) machine cycles, 65.5 ms @ 12 MHz
011(2
17 - 1) machine cycles, 131 ms @ 12 MHz
100(218 - 1) machine cycles, 262 ms @ 12 MHz
101(219 - 1) machine cycles, 542 ms @ 12 MHz
110(2
20 - 1) machine cycles, 1.05 s @ 12 MHz
111(221 - 1) machine cycles, 2.09 s @ 12 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com