Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLK2511BPZP Datasheet(PDF) 5 Page - DB Lectro Inc

Part # SLK2511BPZP
Description  OC-48/24/12/3 SONET/SDH MULTIRATE TRANSCEIVER
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

SLK2511BPZP Datasheet(HTML) 5 Page - DB Lectro Inc

  SLK2511BPZP Datasheet HTML 1Page - DB Lectro Inc SLK2511BPZP Datasheet HTML 2Page - DB Lectro Inc SLK2511BPZP Datasheet HTML 3Page - DB Lectro Inc SLK2511BPZP Datasheet HTML 4Page - DB Lectro Inc SLK2511BPZP Datasheet HTML 5Page - DB Lectro Inc SLK2511BPZP Datasheet HTML 6Page - DB Lectro Inc SLK2511BPZP Datasheet HTML 7Page - DB Lectro Inc SLK2511BPZP Datasheet HTML 8Page - DB Lectro Inc SLK2511BPZP Datasheet HTML 9Page - DB Lectro Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
www.ti.com
SLK2511B
SLLS763B – JANUARY 2007 – REVISED MARCH 2007
Table 1. TERMINAL FUNCTIONS (continued)
TERMINAL
TYPE
DESCRIPTION
NAME
NO.
RLOOP
54
TTL input (with
Remote loopback enable. When high, the serial input is internally looped back to its serial output
pulldown)
with the timing extracted from the serial data.
RSEL0,
39
TTL input (with
Data rate configuration pins. Puts the device under one of the four data rate operations: OC-48,
RSEL1
38
pulldown)
OC-24, OC-12, or OC-3.
RX_MONITOR
47
TTL input (with
RX parallel data monitor in repeater mode. This pin is only used when the device is put under the
pulldown)
repeater mode. When high, the RX demux circuit is enabled and the parallel data is presented.
When low, the demux is shut down to save power.
SIGDET
20
TTL input (with
Signal detect. This pin is generally connected to the output of an optical receiver. This signal may
pulldown)
be active high or active low depending on the optical receiver. The SIGDET input is XORed with
the PS pin to select the active state. When SIGDET is in the inactive state, data is processed
normally. When activated, indicating a loss of signal event, the transmitter transmits all zeroes and
force the LOS signal to go high.
TESTEN
43
TTL input (with
Production test mode enable. This pin should be left unconnected or tied low.
pulldown)
PAR_VALID
2
TTL output
Parity checker output. The internal parity checker on the parallel side of the transmitter checks for
even parity. If there is a parity error, the pin is pulsed low for 2 clock cycles.
PRBSPASS
42
TTL output
PRBS test result. This pin reports the status of the PRBS test results (high = pass). When
PRBSEN is disabled, the PRBSPASS pin is set low. When PRBSEN is enabled and a valid PRBS
is received, then the PRBSPASS pin is set high.
REFCLKSEL
40
TTL input (with
Reference clock select. The device can accept a clock frequency of 155.52 MHz or 622.08 MHz,
pulldown)
which is selected by this pin (0 = 622.08-MHz mode and 1 = 155.52-MHz mode).
SPILL 49 TTL output TX FIFO collision output
VOLTAGE SUPPLY AND RESERVED PINS
GND
1, 6, 19, 23,
Ground
Digital logic ground
26, 28, 30,
31, 33
GNDA
10, 13
Ground
Analog ground
GNDLVDS
61, 69, 76,
Ground
LVDS ground
77, 89, 93,
96, 100
GNDPLL
12
Supply
PLL ground
RSVD
52
Reserved
This pin needs to be tied to ground or left floating for normal operation.
VDD
3, 22, 25,
Supply
Digital logic supply voltage (2.5 V)
29, 32, 35,
50
VDDA
7, 16
Supply
Analog voltage supply (2.5 V)
VDDLVDS
62, 72, 75,
Supply
LVDS supply voltage (2.5 V)
78, 90, 91,
92, 97
VDDPLL
11
Supply
PLL voltage supply (2.5 V)
5
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com