Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLK2511BPZP Datasheet(PDF) 14 Page - DB Lectro Inc

Part # SLK2511BPZP
Description  OC-48/24/12/3 SONET/SDH MULTIRATE TRANSCEIVER
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

SLK2511BPZP Datasheet(HTML) 14 Page - DB Lectro Inc

Back Button SLK2511BPZP Datasheet HTML 10Page - DB Lectro Inc SLK2511BPZP Datasheet HTML 11Page - DB Lectro Inc SLK2511BPZP Datasheet HTML 12Page - DB Lectro Inc SLK2511BPZP Datasheet HTML 13Page - DB Lectro Inc SLK2511BPZP Datasheet HTML 14Page - DB Lectro Inc SLK2511BPZP Datasheet HTML 15Page - DB Lectro Inc SLK2511BPZP Datasheet HTML 16Page - DB Lectro Inc SLK2511BPZP Datasheet HTML 17Page - DB Lectro Inc SLK2511BPZP Datasheet HTML 18Page - DB Lectro Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 21 page
background image
www.ti.com
TIMING REQUIREMENTS
SERIAL DIFFERENTIAL SWITCHING CHARACTERISTICS
SLK2511B
SLLS763B – JANUARY 2007 – REVISED MARCH 2007
over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
REFERENCE CLOCK (REFCLK)
Frequency tolerance(1)
–20
20
ppm
Duty cycle
40%
50%
60%
Jitter
12 kHz to 20 MHz
3
ps rms
PLL PERFORMANCE SPECIFICATIONS
PLL startup lock time
VDD, VDDC = 2.3 V, after REFCLK is stable
1
ms
Acquisition lock time
Valid SONET signal or PRBS OC-48
2031
Bit Times
SERIAL TRANSMITTER/RECEIVER CHARACTERISTICS
PRE1 = 0, PRE2 = 0, Rt = 50,
650
850
1000
See Table 5 and Figure 1
V(ODD) = |STXDOP-STXDON|, transmit
PRE1 = 1, PRE2 = 0
550
750
900
differential output voltage under
mV
de-emphasis
PRE1 = 0, PRE2 = 1
540
700
860
PRE1 = 1, PRE2 = 1
500
650
800
V(CMT)
Transmit common mode voltage range
Rt = 50
Ω
1100
1250
1400
mV
Receiver Input voltage requirement,
150
mV
VID=|SRXDIP–SRXDIN|
V(CMR)
Receiver common mode voltage range
1100
1250
2250
mV
Il
Receiver input leakage
-550
550
µ A
Rl
Receiver differential impedance
80
100
120
Ω
CI
Receiver input capacitance
1
pF
td(TX_Latency)
50
Bit Times
td(RX_Latency)
50
(1)
The
±20 ppm tolerance is required to meet SONET/SDH requirements. For non-SONET/SDH compliant systems, looser tolerances may
apply.
over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tt
Differential signal rise time (20% to 80%)
RL = 50Ω
80
100
140
ps
tj
Output jitter
Jitter-free data, 12 kHz to 20 MHz, RLOOP = 1
0.05
0.1
UI(pp)
Jitter tolerance
RLOOP = 1, See Figure 2
Jitter transfer
RLOOP = 1, See Figure 2
14
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com