Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLK2511BPZP Datasheet(PDF) 11 Page - DB Lectro Inc

Part # SLK2511BPZP
Description  OC-48/24/12/3 SONET/SDH MULTIRATE TRANSCEIVER
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

SLK2511BPZP Datasheet(HTML) 11 Page - DB Lectro Inc

Back Button SLK2511BPZP Datasheet HTML 7Page - DB Lectro Inc SLK2511BPZP Datasheet HTML 8Page - DB Lectro Inc SLK2511BPZP Datasheet HTML 9Page - DB Lectro Inc SLK2511BPZP Datasheet HTML 10Page - DB Lectro Inc SLK2511BPZP Datasheet HTML 11Page - DB Lectro Inc SLK2511BPZP Datasheet HTML 12Page - DB Lectro Inc SLK2511BPZP Datasheet HTML 13Page - DB Lectro Inc SLK2511BPZP Datasheet HTML 14Page - DB Lectro Inc SLK2511BPZP Datasheet HTML 15Page - DB Lectro Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
www.ti.com
REMOTE LOOPBACK
PRBS
POWER-ON RESET
SLK2511B
SLLS763B – JANUARY 2007 – REVISED MARCH 2007
The RLOOP signal pin controls the remote loopback. When RLOOP is high, the serial receive data is selected
and presented on the serial transmit data output pins. The serial received data is also demultiplexed and
presented on the parallel receive data pins. The remote loop can be enabled only when the device is under
transceiver mode. When the device is put under the repeater mode with RX_MONITOR high, it performs the
same function as the remote loopback.
Figure 4. Remote Loopback Data Path/Repeater Mode Operation
The SLK2511B has two built-in pseudorandom bit stream (PRBS) functions. The PRBS generator is used to
transmit a PRBS signal. The PRBS verifier is used to check and verify a received PRBS signal.
When the PRBSEN pin is high, the PRBS generator and verifier are both enabled. A PRBS is generated and fed
into the parallel transmitter input bus. Data from the normal input source is ignored in PRBS mode. The PBRS
pattern is then fed through the transmitter circuitry as if it was normal data and sent out by the transmitter. The
output can be sent to a bit error rate tester (BERT) or to the receiver of another SLK2511B. If an error occurs in
the PRBS pattern, the PRBSPASS pin is set low for 2 RXCLKP/N cycles.
Upon application of minimum valid power, the SLK2511B generates a power-on reset. During the power-on
reset the PRXDATA[0:3] signal pins goes to 3-state. RXCLKP and RXCLKN are held low. The length of the
power-on reset cycle is dependent upon the REFCLKP and REFCLKN frequency but is less than 1ms in
duration.
11
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com