Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLK2511BPZP Datasheet(PDF) 9 Page - DB Lectro Inc

Part # SLK2511BPZP
Description  OC-48/24/12/3 SONET/SDH MULTIRATE TRANSCEIVER
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

SLK2511BPZP Datasheet(HTML) 9 Page - DB Lectro Inc

Back Button SLK2511BPZP Datasheet HTML 5Page - DB Lectro Inc SLK2511BPZP Datasheet HTML 6Page - DB Lectro Inc SLK2511BPZP Datasheet HTML 7Page - DB Lectro Inc SLK2511BPZP Datasheet HTML 8Page - DB Lectro Inc SLK2511BPZP Datasheet HTML 9Page - DB Lectro Inc SLK2511BPZP Datasheet HTML 10Page - DB Lectro Inc SLK2511BPZP Datasheet HTML 11Page - DB Lectro Inc SLK2511BPZP Datasheet HTML 12Page - DB Lectro Inc SLK2511BPZP Datasheet HTML 13Page - DB Lectro Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
www.ti.com
JITTER GENERATION
LOOP TIMING MODE
LOSS OF LOCK INDICATOR
LOSS OF SIGNAL
SIGNAL DETECT
MULTIPLEXER OPERATION
DEMULTIPLEXER OPERATION
SLK2511B
SLLS763B – JANUARY 2007 – REVISED MARCH 2007
The jitter of a serial clock and serial data outputs must not exceed 0.01 UIrms/0.1 UIp-p when a serial data with no
jitter is presented to the inputs. The measurement bandwidth for intrinsic jitter is 12 kHz to 20 MHz.
When LOOPTIME is high, the clock synthesizer used to serialize the transmit data is bypassed and the timing is
provided by the recovered clock. However, REFCLK is still needed for the recovery loop operation.
The SLK2511B has a lock detection circuit to monitor the integrity of the data input. When the clock recovery
loop is locked to the input serial data stream, the LOL signal goes high. If the recovered clock frequency
deviates from the reference clock frequency by more than 100 ppm, LOL goes low. If the data stream clock rate
deviates by more than 170 ppm, loss of lock occurs. If the data streams clock rate deviates more than 500 ppm
from the local reference clock, the LOL output status might be unstable. Upon power up, the LOL goes low until
the PLL is close to phase lock with the local reference clock.
The loss of signal (LOS) alarm is set high when no transitions appear in the input data path for more than 2.3
µs.
The LOS signal becomes active when the above condition occurs. If the serial inputs of the device are
ac-coupled to its source, the ac-couple capacitor needs to be big enough to maintain a signal level above the
threshold of the receiver for the 2.3
µs no transition period. Once activated, the LOS alarm pin is latched high
until the receiver detects an A1A2 pattern. The recovered clock (RXCLK) is automatically locked to the local
reference when LOS occurs. The parallel data (RXDATAx) may still be processed even when LOS is activated.
The SLK2511B has an input SIGDET pin to force the device into the loss of signal state. This pin is generally
connected to the signal detect output of the optical receiver. Depending on the optics manufacturer, this signal
can be either active high or active low. To accommodate the differences, a polarity select (PS) pin is used. For
an active low, SIGDET input sets the PS pin high. For an active high, SIGDET input sets the PS pin low. When
the PS signal pin and SIGDET are of opposite polarities, the loss of signal state is generated and the device
transmits all zeroes downstream.
The 4-bit parallel LVDS data is clocked into an input buffer by a clock derived from the synthesized clock. The
data is then clocked into a 4:1 multiplexer. The D0 bit is the most significant bit and is shifted out first in the
serial output stream.
The serial 2.5 Gbps data is clocked into a 1:4 demultiplexer by the recovered clock. The D0 bit is the first bit that
is received in time from the input serial stream. The 4-bit parallel data is then sent to the LVDS driver along with
the divided down recovered clock.
9
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com