Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLK2511BPZP Datasheet(PDF) 8 Page - DB Lectro Inc

Part # SLK2511BPZP
Description  OC-48/24/12/3 SONET/SDH MULTIRATE TRANSCEIVER
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

SLK2511BPZP Datasheet(HTML) 8 Page - DB Lectro Inc

Back Button SLK2511BPZP Datasheet HTML 4Page - DB Lectro Inc SLK2511BPZP Datasheet HTML 5Page - DB Lectro Inc SLK2511BPZP Datasheet HTML 6Page - DB Lectro Inc SLK2511BPZP Datasheet HTML 7Page - DB Lectro Inc SLK2511BPZP Datasheet HTML 8Page - DB Lectro Inc SLK2511BPZP Datasheet HTML 9Page - DB Lectro Inc SLK2511BPZP Datasheet HTML 10Page - DB Lectro Inc SLK2511BPZP Datasheet HTML 11Page - DB Lectro Inc SLK2511BPZP Datasheet HTML 12Page - DB Lectro Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
www.ti.com
CLOCK AND DATA RECOVERY
MINIMUM TRANSITION DENSITY
JITTER TOLERANCE
SLK2511B
SLLS763B – JANUARY 2007 – REVISED MARCH 2007
Table 6. Reference Clock Frequency
REFCLKSEL
REFERENCE CLOCK FREQUENCY
0
622.08 MHz
1
155.52 MHz
The CDR unit of SLK2511B recovers the clock and data from the incoming data streams.
In the event of receive data loss, the PLL automatically locks to the local REFCLK to maintain frequency
stability. If the frequency of the data differs by more that 100 ppm with respect to the REFCLK frequency, the
LOL pin is asserted as a warning. Actual loss of lock occurs if the data frequency differs by more than 170 ppm.
The loop filter transfer function is optimized to enable the CDR to track ppm difference in the clocking and
tolerate the minimum transition density that can be received in a SONET data signal (
±20 ppm). The transfer
function yields a typical capture time of 3500 bit times for random incoming NRZ data after the device is
powered up and achieves frequency locking.
The device tolerates up to 72 consecutive digits (CID) without sustaining an error.
Input jitter tolerance is defined as the peak-to-peak amplitude of sinusoidal jitter applied on the input signal that
causes the equivalent 1-dB optical/electrical power penalty. This refers to the ability of the device to withstand
input jitter without causing a recovered data error. The device has a jitter tolerance that exceeds the mask
shown in Figure 2 (GR-253 Figure 5-28)(1). This jitter tolerance is measured using a pseudorandom data pattern
of 231–1.
OC-N/STS-N
f0
F1
F2
F3
F4
A1
A2
A3
LEVEL
(Hz)
(Hz)
(Hz)
(kHz)
(kHz)
(Ulpp)
(Ulpp)
(Ulpp)
3
10
30
300
6.5
65
0.15
1.5
15
12
10
30
300
25
250
0.15
1.5
15
24
Not Specified
48
10
600
6000
100
1000
0.15
1.5
15
(1)
The tolerance margin is 20% or more at all modulating frequencies when measured using the HP 7150A jitter analysis system on the
Texas Instruments provided EVM.
Figure 2. Input Jitter Tolerance
8
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com