Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST38VF6402 Datasheet(PDF) 2 Page - Microchip Technology

Part # SST38VF6402
Description  64 Mbit (x16) Advanced Multi-Purpose Flash Plus
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST38VF6402 Datasheet(HTML) 2 Page - Microchip Technology

  SST38VF6402 Datasheet HTML 1Page - Microchip Technology SST38VF6402 Datasheet HTML 2Page - Microchip Technology SST38VF6402 Datasheet HTML 3Page - Microchip Technology SST38VF6402 Datasheet HTML 4Page - Microchip Technology SST38VF6402 Datasheet HTML 5Page - Microchip Technology SST38VF6402 Datasheet HTML 6Page - Microchip Technology SST38VF6402 Datasheet HTML 7Page - Microchip Technology SST38VF6402 Datasheet HTML 8Page - Microchip Technology SST38VF6402 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 66 page
background image
©2015-2018 Microchip Technology Inc
DS20005015D
2
64 Mbit (x16) Advanced Multi-Purpose Flash Plus
SST38VF6401 / SST38VF6402 / SST38VF6403 / SST38VF6404
Product Description
The SST38VF6401, SST38VF6402, SST38VF6403, and SST38VF6404 devices are 4M x16 CMOS
Advanced Multi-Purpose Flash Plus (Advanced MPF+) manufactured with proprietary, high-perfor-
mance CMOS SuperFlash technology. The split-gate cell design and thick-oxide tunneling injector
attain better reliability and manufacturability compared with alternate approaches. The SST38VF6401/
6402/6403/6404 write (Program or Erase) with a 2.7-3.6V power supply. These devices conform to
JEDEC standard pin assignments for x16 memories.
Featuring high performance Word-Program, the SST38VF6401/6402/6403/6404 provide a typical Word-
Program time of 7 µsec. For faster word-programming performance, the Write-Buffer Programming
feature, has a typical word-program time of 1.75 µsec. These devices use Toggle Bit or Data# Polling
to indicate Program operation completion. In addition to single-word Read, Advanced MPF+ devices
provide a Page-Read feature that enables a faster word read time of 25 ns, for words on the same
page.
To protect against inadvertent write, the SST38VF6401/6402/6403/6404 have on-chip hardware and
Software Data Protection schemes. Designed, manufactured, and tested for a wide spectrum of appli-
cations, these devices are available with 100,000 cycles minimum endurance. Data retention is rated
at greater than 100 years.
The SST38VF6401/6402/6403/6404 are suited for applications that require the convenient and econom-
ical updating of program, configuration, or data memory. For all system applications, Advanced MPF+
significantly improve performance and reliability, while lowering power consumption. These devices
inherently use less energy during Erase and Program than alternative flash technologies. The total
energy consumed is a function of the applied voltage, current, and time of application. For any given
voltage range, the SuperFlash technology uses less current to program and has a shorter erase time;
therefore, the total energy consumed during any Erase or Program operation is less than alternative
flash technologies.
These devices also improve flexibility while lowering the cost for program, data, and configuration stor-
age applications. The SuperFlash technology provides fixed Erase and Program times, independent of
the number of Erase/Program cycles that have occurred. Therefore, the system software or hardware
does not have to be modified or de-rated as is necessary with alternative flash technologies, whose
Erase and Program times increase with accumulated Erase/Program cycles.
The SST38VF6401/6402/6403/6404 also offer flexible data protection features. Applications that
require memory protection from program and erase operations can use the Boot Block, Individual
Block Protection, and Advanced Protection features. For applications that require a permanent solu-
tion, the Irreversible Block Locking feature provides permanent protection for memory blocks.
To meet high-density, surface mount requirements, the SST38VF6401/6402/6403/6404 devices are
offered in 48-lead TSOP and 48-ball TFBGA packages. See Figures 2 and 3 for pin assignments and
Table 1 for pin descriptions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com