Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST38VF6402 Datasheet(PDF) 17 Page - Microchip Technology

Part # SST38VF6402
Description  64 Mbit (x16) Advanced Multi-Purpose Flash Plus
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST38VF6402 Datasheet(HTML) 17 Page - Microchip Technology

Back Button SST38VF6402 Datasheet HTML 13Page - Microchip Technology SST38VF6402 Datasheet HTML 14Page - Microchip Technology SST38VF6402 Datasheet HTML 15Page - Microchip Technology SST38VF6402 Datasheet HTML 16Page - Microchip Technology SST38VF6402 Datasheet HTML 17Page - Microchip Technology SST38VF6402 Datasheet HTML 18Page - Microchip Technology SST38VF6402 Datasheet HTML 19Page - Microchip Technology SST38VF6402 Datasheet HTML 20Page - Microchip Technology SST38VF6402 Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 66 page
background image
©2015-2018 Microchip Technology Inc
DS20005015D
17
64 Mbit (x16) Advanced Multi-Purpose Flash Plus
SST38VF6401 / SST38VF6402 / SST38VF6403 / SST38VF6404
Security ID
The SST38VF6401/6402/6403/6404 devices offer a Security ID feature. The Secure ID space is divided
into two segments — one factory programmed 128 bit segment and one user programmable 256 word
segment. See Table 7 for address information. The first segment is programmed and locked and con-
tains a 128 bit Unique ID which uniquely identifies the device. The user segment is left un-programmed
for the customer to program as desired.
The user segment of the Security ID can be programmed in several ways. For smaller datasets, use
the Security ID Word-Program command for word-programming. To program larger sets of data more
quickly, use the SEC ID Entry command to enter the Secure ID space. Once in the Secure ID space,
use the Write-Buffer Programming or Bypass Mode feature. Note that the Word-Programming com-
mand can also be used while in this mode.
To detect end-of-write for the SEC ID, read the toggle bits. Do not use Data# Polling to detect end of
Write. Once the programming is complete, lock the Sec ID by issuing the User Sec ID Program Lock-
Out command or by programming bit ‘0’ in the PSR with the PSR Program command. Locking the Sec
ID disables any corruption of this space. Note that regardless of whether or not the Sec ID is locked,
the Sec ID segments can not be erased.
The Secure ID space can be queried by executing a three-byte command sequence with Enter Sec ID
command (88H) at address 555H in the last byte sequence. To exit this mode, the Exit Sec ID com-
mand should be executed. Refer to Table 11 for software commands and Figures 27 and 28 for flow
charts.
Bypass Mode
Bypass mode shortens the time needed to issue program and erase commands by reducing these
commands to two write cycles each. After using the Bypass Entry command to enter the Bypass
mode, only the Bypass Word-Program, Bypass Sector Erase, Bypass Block Erase, Bypass Chip
Erase, Erase-Suspend, and Erase-Resume commands are available. The Bypass Exit command exits
Bypass mode. See Table 11 for further details.
Entering Bypass Mode while already in Erase-Suspend limits the available commands. See “Erase-
Suspend/Erase-Resume Commands” on page 11. for more information.
Table 7: Address Range for Sec ID
Size
Address
Unique ID
128 bits
000H – 007H
User
256 W
100H – 1FFH
T7.1 20005015



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com