Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST38VF6402 Datasheet(PDF) 64 Page - Microchip Technology

Part # SST38VF6402
Description  64 Mbit (x16) Advanced Multi-Purpose Flash Plus
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST38VF6402 Datasheet(HTML) 64 Page - Microchip Technology

Back Button SST38VF6402 Datasheet HTML 58Page - Microchip Technology SST38VF6402 Datasheet HTML 59Page - Microchip Technology SST38VF6402 Datasheet HTML 60Page - Microchip Technology SST38VF6402 Datasheet HTML 61Page - Microchip Technology SST38VF6402 Datasheet HTML 62Page - Microchip Technology SST38VF6402 Datasheet HTML 63Page - Microchip Technology SST38VF6402 Datasheet HTML 64Page - Microchip Technology SST38VF6402 Datasheet HTML 65Page - Microchip Technology SST38VF6402 Datasheet HTML 66Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 64 / 66 page
background image
©2015-2018 Microchip Technology Inc
DS20005015D
64
64 Mbit (x16) Advanced Multi-Purpose Flash Plus
SST38VF6401 / SST38VF6402 / SST38VF6403 / SST38VF6404
Table 25: Revision History
Number
Description
Date
00
•
Initial release
Mar 2007
01
•
Removed Program Suspend/Resume on page 10
•
Updated “Erase-Suspend/Erase-Resume Commands” on page 11
•
Updated “Non-Volatile Block Protection” on page 19
•
Updated “Password Mode (DQ2, DQ1 = 0,1)” on page 20
•
Updated “Power-Up Specifications” on page 32
•
Added a note to Figure 32 on page 56
•
Updated “Product Ordering Information” on page 60
Sep 2007
02
•
Modified Features and Product Description on page 1
Dec 2007
03
•
Revised endurance statement in Features, Product Description and
Table 20 footnote
•
Updated “Product Ordering Information” on page 60
•
Changed document status to “Preliminary Specification”
Aug 2008
04
•
Changed 1V per 100 µs to 1V per 100 ms in Power Up Specification on
page 26
Jan 2009
05
•
EOL of all 10,000 cycle endurance products. All 10,000 cycle endurance
products removed. See S71309(01).
•
Changed document status to “Data Sheet”
Jul 2009
A
•
Applied new document format
•
Released document under letter-revision system
•
Updated Spec Number from S71309 to DS-25015
Apr 2011
B
•
Document marked “Not Recommended for New Designs.”
Aug 2015
C
•
Removed “Not Recommended for New Designs.”
Oct 2017
D
•
Correction of incorrect part number references
•
Correction to part numbers on page 27, item #6
Sept 2018



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com