Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST38VF6402 Datasheet(PDF) 9 Page - Microchip Technology

Part # SST38VF6402
Description  64 Mbit (x16) Advanced Multi-Purpose Flash Plus
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST38VF6402 Datasheet(HTML) 9 Page - Microchip Technology

Back Button SST38VF6402 Datasheet HTML 5Page - Microchip Technology SST38VF6402 Datasheet HTML 6Page - Microchip Technology SST38VF6402 Datasheet HTML 7Page - Microchip Technology SST38VF6402 Datasheet HTML 8Page - Microchip Technology SST38VF6402 Datasheet HTML 9Page - Microchip Technology SST38VF6402 Datasheet HTML 10Page - Microchip Technology SST38VF6402 Datasheet HTML 11Page - Microchip Technology SST38VF6402 Datasheet HTML 12Page - Microchip Technology SST38VF6402 Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 66 page
background image
©2015-2018 Microchip Technology Inc
DS20005015D
9
64 Mbit (x16) Advanced Multi-Purpose Flash Plus
SST38VF6401 / SST38VF6402 / SST38VF6403 / SST38VF6404
Device Operation
The memory operations functions of these devices are initiated using commands written to the device
using standard microprocessor Write sequences. A command is written by asserting WE# low while
keeping CE# low. The address bus is latched on the falling edge of WE# or CE#, whichever occurs
last. The data bus is latched on the rising edge of WE# or CE#, whichever occurs first.
The SST38VF6401/6402/6403/6404 also have the Auto Low Power mode which puts the device in a
near-standby mode after data has been accessed with a valid Read operation. This reduces the IDD
active read current from typically 4 mA to typically 3 µA. The Auto Low Power mode reduces the typi-
cal IDD active read current to the range of 2 mA/MHz of Read cycle time. The device requires no
access time to exit the Auto Low Power mode after any address transition or control signal transition
used to initiate another Read cycle. The device does not enter Auto-Low Power mode after power-up
with CE# held steadily low, until the first address transition or CE# is driven high.
Read
The Read operation of the SST38VF6401/6402/6403/6404 is controlled by CE# and OE#, both of which
have to be low for the system to obtain data from the outputs. CE# is used for device selection. When
CE# is high, the chip is deselected and only standby power is consumed. OE# is the output control and
is used to gate data from the output pins. The data bus is in high impedance state when either CE# or
OE# is high. Refer to Figure 5, the Read cycle timing diagram, for further details.
Page Read
The Page Read operation utilizes an asynchronous method that enables the system to read data from
the SST38VF6401/6402/6403/6404 at a faster rate. This operation allows users to read a four-word
page of data at an average speed of 41.25 ns per word.
In Page Read, the initial word read from the page requires TACC to be valid, while the remaining three
words in the page require only TPACC. All four words in the page have the same address bits, A21-A2,
which are used to select the page. Address bits A1 and A0 are toggled, in any order, to read the words
within the page.
The Page Read operation of the SST38VF6401/6402/6403/6404 is controlled by CE# and OE#. Both
CE# and OE# must be low for the system to obtain data from the output pins. CE# controls device
selection. When CE# is high, the chip is deselected and only standby power is consumed. OE# is the
output control and is used to gate data from the output pins. The data bus is in high impedance state
when either CE# or OE# is high. Refer to Figure 6, the Page Read cycle timing diagram, for further
details.
Word-Program Operation
The SST38VF6401/6402/6403/6404 can be programmed on a word-by-word basis. Before program-
ming, the sector where the word exists must be fully erased. The Program operation is accomplished
in three steps. The first step is the three-byte load sequence for Software Data Protection. The second
step is to load word address and word data. During the Word-Program operation, the addresses are
latched on the falling edge of either CE# or WE#, whichever occurs last. The data is latched on the ris-
ing edge of either CE# or WE#, whichever occurs first. The third step is the internal Program operation
which is initiated after the rising edge of the fourth WE# or CE#, whichever occurs first. The Program
operation, once initiated, will be completed within 10 µs. See Figures 7 and 8 for WE# and CE# con-
trolled Program operation timing diagrams and Figure 24 for flowcharts.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com