Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST38VF6402 Datasheet(PDF) 32 Page - Microchip Technology

Part # SST38VF6402
Description  64 Mbit (x16) Advanced Multi-Purpose Flash Plus
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST38VF6402 Datasheet(HTML) 32 Page - Microchip Technology

Back Button SST38VF6402 Datasheet HTML 28Page - Microchip Technology SST38VF6402 Datasheet HTML 29Page - Microchip Technology SST38VF6402 Datasheet HTML 30Page - Microchip Technology SST38VF6402 Datasheet HTML 31Page - Microchip Technology SST38VF6402 Datasheet HTML 32Page - Microchip Technology SST38VF6402 Datasheet HTML 33Page - Microchip Technology SST38VF6402 Datasheet HTML 34Page - Microchip Technology SST38VF6402 Datasheet HTML 35Page - Microchip Technology SST38VF6402 Datasheet HTML 36Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 66 page
background image
©2015-2018 Microchip Technology Inc
DS20005015D
32
64 Mbit (x16) Advanced Multi-Purpose Flash Plus
SST38VF6401 / SST38VF6402 / SST38VF6403 / SST38VF6404
Power-Up Specifications
All functionalities and DC specifications are specified for a VDD ramp rate faster than 1V per 100 ms
(0V to 3V in less than 300 ms). If the VDD ramp rate is slower than 1V per 100 ms, a hardware reset is
required. The recommended VDD power-up to RESET# high time should be greater than 100 µs to
ensure a proper reset. See Table 19and Figure 4 for more information.
Figure 4: Power-Up Diagram
Table 19: Recommended System Power-up Timings
Symbol
Parameter
Minimum
Units
TPU-READ1
1. This parameter is measured only for initial qualification and after a design or process change that could affect this
parameter.
Power-up to Read Operation
100
µs
TPU-WRITE1
Power-up to Erase/Program Operation
100
µs
T19.0 20005015
1309 F37.0
VDD
RESET#
CE#
TPU-READ > 100 µs
VDD min
0V
VIH
TRHR > 50ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com