Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM358BA Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # LM358BA
Description  Industry-Standard Dual Operational Amplifiers
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM358BA Datasheet(HTML) 20 Page - Texas Instruments

Back Button LM358BA Datasheet HTML 16Page - Texas Instruments LM358BA Datasheet HTML 17Page - Texas Instruments LM358BA Datasheet HTML 18Page - Texas Instruments LM358BA Datasheet HTML 19Page - Texas Instruments LM358BA Datasheet HTML 20Page - Texas Instruments LM358BA Datasheet HTML 21Page - Texas Instruments LM358BA Datasheet HTML 22Page - Texas Instruments LM358BA Datasheet HTML 23Page - Texas Instruments LM358BA Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 62 page
background image
6.11 Typical Characteristics: LM358B and LM2904B (continued)
This typical characteristics section is applicable for LM358B and LM2904B. Typical characteristics data in this section was
taken with TA = 25°C, VS = 36 V (±18 V), VCM = VS / 2, RLOAD = 10 kΩ connected to VS / 2 (unless otherwise noted).
Capacitance load (pF)
0
40
80
120
160
200
240
280
320
360
8
12
16
20
24
28
32
36
40
44
D019
Overshoot (+)
Overshoot (-)
G = 1, 100-mV output step, RL = open
Figure 6-25. Small-Signal Overshoot vs Capacitive Load
Capacitance load (pF)
40
80
120
160
200
240
280
320
360
0
2
4
6
8
10
12
14
16
18
D020
Overshoot (+)
Overshoot (–)
G = –1, 100-mV output step, RL = open
Figure 6-26. Small-Signal Overshoot vs Capacitive Load
Capacitance Load (pF)
0
40
80
120
160
200
240
280
320
360
30
33
36
39
42
45
48
51
54
57
60
D018
Figure 6-27. Phase Margin vs Capacitive Load
Time ( s)
0
200
400
600
800
1000
-20
-10
0
10
20
D021
Input
Output
G = –10
Figure 6-28. Overload Recovery
Time ( s)
0
20
40
60
80
100
-10
-7.5
-5
-2.5
0
2.5
5
7.5
10
D022
Input
Output
G = 1, RL = open
Figure 6-29. Small-Signal Step Response, G = 1
Time ( s)
0
20
40
60
80
100
-10
-7.5
-5
-2.5
0
2.5
5
7.5
10
D023
Input
Output
G = –1, RL = open, RFB = 10K
See Figure 7-3
Figure 6-30. Small-Signal Step Response, G = –1
LM158, LM158A, LM258, LM258A
LM2904, LM2904B, LM2904BA, LM2904V
LM358, LM358A, LM358B, LM358BA
SLOS068AA – JUNE 1976 – REVISED MARCH 2022
www.ti.com
20
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: LM158 LM158A LM258 LM258A LM2904 LM2904B LM2904BA LM2904V LM358
LM358A LM358B LM358BA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com