Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM358BA Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # LM358BA
Description  Industry-Standard Dual Operational Amplifiers
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM358BA Datasheet(HTML) 5 Page - Texas Instruments

  LM358BA Datasheet HTML 1Page - Texas Instruments LM358BA Datasheet HTML 2Page - Texas Instruments LM358BA Datasheet HTML 3Page - Texas Instruments LM358BA Datasheet HTML 4Page - Texas Instruments LM358BA Datasheet HTML 5Page - Texas Instruments LM358BA Datasheet HTML 6Page - Texas Instruments LM358BA Datasheet HTML 7Page - Texas Instruments LM358BA Datasheet HTML 8Page - Texas Instruments LM358BA Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 62 page
background image
6 Specifications
6.1 Absolute Maximum Ratings
over operating ambient temperature range (unless otherwise noted)(1)
MIN
MAX
UNIT
Supply voltage, VS = ([V+] – [V–])
LM358B, LM358BA,
LM2904B, LM2904BA
±20 or 40
V
LM158, LM258, LM358,
LM158A, LM258A, LM358A,
LM2904V
±16 or 32
LM2904
±13 or 26
Differential input voltage, VID (2)
LM358B, LM358BA,
LM2904B, LM2904BA,LM158,
LM258, LM358, LM158A,
LM258A, LM358A, LM2904V
–32
32
V
LM2904
–26
26
Input voltage, VI
Either input
LM358B, LM358BA,
LM2904B, LM2904BA
–0.3
40
V
LM158, LM258, LM358,
LM158A, LM258A, LM358A,
LM2904V
–0.3
32
LM2904
–0.3
26
Duration of output short circuit (one amplifier) to ground at (or below) TA = 25°C,
VS ≤ 15 V(3)
Unlimited
s
Operating ambient temperature, TA
LM158, LM158A
–55
125
°C
LM258, LM258A
–25
85
LM358B, LM358BA
–40
85
LM358, LM358A
0
70
LM2904B, LM2904BA,
LM2904, LM2904V
–40
125
Operating virtual-junction temperature, TJ
150
°C
Storage temperature, Tstg
–65
150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, and do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
Differential voltages are at IN+, with respect to IN−.
(3)
Short circuits from outputs to VS can cause excessive heating and eventual destruction.
6.2 ESD Ratings
VALUE
UNIT
LM358B, LM358BA, LM2904B, AND LM2904BA
V(ESD)
Electrostatic discharge
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±2000
V
Charged-device model (CDM), per JEDEC specification JESD22-C101(2)
±1500
LM158, LM258, LM358, LM158, LM258A, LM358A, LM2904, AND LM2904V
V(ESD)
Electrostatic discharge
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±500
V
Charged-device model (CDM), per JEDEC specification JESD22-C101(2)
±1000
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
www.ti.com
LM158, LM158A, LM258, LM258A
LM2904, LM2904B, LM2904BA, LM2904V
LM358, LM358A, LM358B, LM358BA
SLOS068AA – JUNE 1976 – REVISED MARCH 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
5
Product Folder Links: LM158 LM158A LM258 LM258A LM2904 LM2904B LM2904BA LM2904V LM358
LM358A LM358B LM358BA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com