Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM358BA Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # LM358BA
Description  Industry-Standard Dual Operational Amplifiers
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM358BA Datasheet(HTML) 7 Page - Texas Instruments

Back Button LM358BA Datasheet HTML 3Page - Texas Instruments LM358BA Datasheet HTML 4Page - Texas Instruments LM358BA Datasheet HTML 5Page - Texas Instruments LM358BA Datasheet HTML 6Page - Texas Instruments LM358BA Datasheet HTML 7Page - Texas Instruments LM358BA Datasheet HTML 8Page - Texas Instruments LM358BA Datasheet HTML 9Page - Texas Instruments LM358BA Datasheet HTML 10Page - Texas Instruments LM358BA Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 62 page
background image
6.5 Electrical Characteristics: LM358B and LM358BA
VS = (V+) – (V–) = 5 V – 36 V (±2.5 V – ±18 V), TA = 25°C, VCM = VOUT = VS / 2, RL = 10k connected to VS / 2
(unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
OFFSET VOLTAGE
VOS
Input offset voltage
LM358B
±0.3
±3.0
mV
TA = –40°C to +85°C
±4
mV
LM358BA
±2.0
mV
TA = –40°C to +85°C
±2.5
mV
dVOS/dT Input offset voltage drift
TA = -40°C to +85°C(1)
±3.5
11
µV/°C
PSRR
Power supply rejection ratio
±2
15
µV/V
Channel separation, dc
f = 1 kHz to 20 kHz
±1
µV/V
INPUT VOLTAGE RANGE
VCM
Common-mode voltage range
VS = 3 V to 36 V
(V–)
(V+) – 1.5
V
VS = 5 V to 36 V
TA = –40°C to +85°C
(V–)
(V+) – 2
V
CMRR
Common-mode rejection ratio
(V–) ≤ VCM ≤ (V+) – 1.5 V VS = 3 V to 36 V
20
100
µV/V
(V–) ≤ VCM ≤ (V+) – 2.0 V VS = 5 V to 36 V
TA = –40°C to +85°C
25
316
INPUT BIAS CURRENT
IB
Input bias current
±10
±35
nA
TA = –40°C to +85°C(1)
±50
nA
IOS
Input offset current
0.5
4
nA
TA = –40°C to +85°C(1)
5
nA
dIOS/dT
Input offset current drift
TA = –40°C to +85°C
10
pA/
℃
NOISE
En
Input voltage noise
f = 0.1 to 10 Hz
3
µVPP
en
Input voltage noise density
f = 1 kHz
40
nV/√/Hz
INPUT IMPEDANCE
ZID
Differential
10 || 0.1
MΩ|| pF
ZIC
Common-mode
4 || 1.5
GΩ|| pF
OPEN-LOOP GAIN
AOL
Open-loop voltage gain
VS = 15 V; VO = 1 V to 11 V; RL ≥ 10 kΩ, connected to (V–)
70
140
V/mV
TA = –40°C to +85°C
35
V/mV
FREQUENCY RESPONSE
GBW
Gain bandwidth product
1.2
MHz
SR
Slew rate
G = + 1
0.5
V/µs
Θm
Phase margin
G = + 1, RL = 10kΩ, CL = 20 pF
56
°
tOR
Overload recovery time
VIN × gain > VS
10
µs
ts
Settling time
To 0.1%, VS = 5 V, 2-V step , G = +1, CL = 100 pF
4
µs
THD+N
Total harmonic distortion + noise
G = + 1, f = 1 kHz, VO = 3.53 VRMS, VS = 36 V, RL = 100k, IOUT ≤ ±50 µA, BW = 80 kHz
0.001
%
OUTPUT
VO
Voltage output swing from rail
Positive rail (V+)
IOUT = 50 µA
1.35
1.42
V
IOUT = 1 mA
1.4
1.48
V
IOUT = 5 mA(1)
1.5
1.61
V
Negative rail (V–)
IOUT = 50 µA
100
150
mV
IOUT = 1 mA
0.75
1
V
VS = 5 V, RL ≤ 10 kΩ connected to (V–)
TA = –40°C to +85°C
5
20
mV
IO
Output current
VS = 15 V; VO = V–;
VID = 1 V
Source(1)
-20
-30
mA
TA = –40°C to +85°C
-10
VS = 15 V; VO = V+;
VID = –1 V
Sink(1)
10
20
TA = –40°C to +85°C
5
VID = –1 V; VO = (V–) + 200 mV
60
100
μA
ISC
Short-circuit current
VS = 20 V, (V+) = 10 V, (V–) = –10 V, VO = 0 V
±40
±60
mA
CLOAD
Capacitive load drive
100
pF
RO
Open-loop output resistance
f = 1 MHz, IO = 0 A
300
Ω
www.ti.com
LM158, LM158A, LM258, LM258A
LM2904, LM2904B, LM2904BA, LM2904V
LM358, LM358A, LM358B, LM358BA
SLOS068AA – JUNE 1976 – REVISED MARCH 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
7
Product Folder Links: LM158 LM158A LM258 LM258A LM2904 LM2904B LM2904BA LM2904V LM358
LM358A LM358B LM358BA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com