Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM358BA Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # LM358BA
Description  Industry-Standard Dual Operational Amplifiers
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM358BA Datasheet(HTML) 10 Page - Texas Instruments

Back Button LM358BA Datasheet HTML 6Page - Texas Instruments LM358BA Datasheet HTML 7Page - Texas Instruments LM358BA Datasheet HTML 8Page - Texas Instruments LM358BA Datasheet HTML 9Page - Texas Instruments LM358BA Datasheet HTML 10Page - Texas Instruments LM358BA Datasheet HTML 11Page - Texas Instruments LM358BA Datasheet HTML 12Page - Texas Instruments LM358BA Datasheet HTML 13Page - Texas Instruments LM358BA Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 62 page
background image
VS = (V+) – (V–) = 5 V - 36 V (±2.5 V - ±18 V), TA = 25°C, VCM = VOUT = VS/2, RL = 10k connected to VS/2
(unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
IQ
Quiescent current per amplifier
VS = 5 V; IO = 0 A
TA = –40°C to +125°C
300
460
µA
IQ
Quiescent current per amplifier
VS = 36 V; IO = 0 A
800
µA
(1)
Specified by characterization only
LM158, LM158A, LM258, LM258A
LM2904, LM2904B, LM2904BA, LM2904V
LM358, LM358A, LM358B, LM358BA
SLOS068AA – JUNE 1976 – REVISED MARCH 2022
www.ti.com
10
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: LM158 LM158A LM258 LM258A LM2904 LM2904B LM2904BA LM2904V LM358
LM358A LM358B LM358BA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com