Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM358BA Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # LM358BA
Description  Industry-Standard Dual Operational Amplifiers
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM358BA Datasheet(HTML) 12 Page - Texas Instruments

Back Button LM358BA Datasheet HTML 8Page - Texas Instruments LM358BA Datasheet HTML 9Page - Texas Instruments LM358BA Datasheet HTML 10Page - Texas Instruments LM358BA Datasheet HTML 11Page - Texas Instruments LM358BA Datasheet HTML 12Page - Texas Instruments LM358BA Datasheet HTML 13Page - Texas Instruments LM358BA Datasheet HTML 14Page - Texas Instruments LM358BA Datasheet HTML 15Page - Texas Instruments LM358BA Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 62 page
background image
6.8 Electrical Characteristics: LM2904, LM2904V
For VS = (V+) – (V–) = 5 V, TA = 25°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS(1)
MIN
TYP
(2)
MAX
UNIT
OFFSET VOLTAGE
VOS
Input offset voltage
VS = 5 V to maximum; VC M = 0 V; VO =
1.4 V
Non-A suffix
devices
3
7
mV
TA = –40°C to 125°C
10
A-suffix
devices
1
2
TA = –40°C to 125°C
4
dVOS/dT Input offset voltage drift
TA = –40°C to 125°C
7
µV/°C
PSRR
Input offset voltage vs power supply
(ΔVIO/ΔVS)
VS = 5 V to 30 V
65
100
dB
VO1/ VO2 Channel separation
f = 1 kHz to 20 kHz
120
dB
INPUT VOLTAGE RANGE
VCM
Common-mode voltage range
VS = 5 V to maximum
(V–)
(V+) – 1.5
V
TA = –40°C to 125°C
(V–)
(V+) – 2
CMRR
Common-mode rejection ratio
VS = 5 V to maximum; VCM = 0 V
65
80
dB
INPUT BIAS CURRENT
IB
Input bias current
VO = 1.4 V
–20
–250
nA
TA = –40°C to 125°C
–500
IOS
Input offset current
VO = 1.4 V
Non-V suffix
device
2
50
nA
TA = –40°C to 125°C
300
V-suffix
device
2
50
TA = –40°C to 125°C
150
dIOS/dT
Input offset current drift
TA = –40°C to 125°C
10
pA/°C
NOISE
en
Input voltage noise density
f = 1 kHz
40
nV/√ Hz
OPEN-LOOP GAIN
AOL
Open-loop voltage gain
VS = 15 V; VO = 1 V to 11 V; RL ≥ 2 kΩ
25
100
V/mV
TA = –40°C to 125°C
15
FREQUENCY RESPONSE
GBW
Gain bandwidth product
0.7
MHz
SR
Slew rate
G = +1
0.3
V/µs
OUTPUT
VO
Voltage output swing from rail
Positive rail
RL ≥ 10 kΩ
VS – 1.5
V
Non-V suffix
device
VS = maximum; RL =
2 kΩ
TA = –40°C to 125°C
4
VS = maximum; RL ≥
10 kΩ
2
3
V-suffix device
VS = maximum; RL =
2 kΩ
6
VS = maximum; RL ≥
10 kΩ
4
5
Negative rail
VS = 5 V; RL ≤ 10 kΩ
TA = –40°C to 125°C
5
20
mV
IO
Output current
VS = 15 V; VO = 0 V; VID = 1 V
Source
–20
–30
mA
TA = –40°C to 125°C
–10
VS = 15 V; VO = 15 V; VID = –1 V
Sink
10
20
TA = –40°C to 125°C
5
VID = -1 V; VO = 200 mV
Non-V suffix device
30
µA
V-suffix device
12
40
ISC
Short-circuit current
VS = 10 V; VO = VS / 2
±40
±60
mA
POWER SUPPLY
IQ
Quiescent current per amplifier
VO = 2.5 V; IO = 0 A
TA = –40°C to 125°C
350
600
µA
VS = maximum; VO = maximum / 2; IO = 0 A
500
1000
(1)
All characteristics are measured under open-loop conditions, with zero common-mode input voltage, unless otherwise specified.
Maximum VS for testing purposes is 26 V for LM2904 and 32 V for LM2904V.
(2)
All typical values are TA = 25°C.
LM158, LM158A, LM258, LM258A
LM2904, LM2904B, LM2904BA, LM2904V
LM358, LM358A, LM358B, LM358BA
SLOS068AA – JUNE 1976 – REVISED MARCH 2022
www.ti.com
12
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: LM158 LM158A LM258 LM258A LM2904 LM2904B LM2904BA LM2904V LM358
LM358A LM358B LM358BA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com