Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9549BCPZ Datasheet(PDF) 32 Page - Analog Devices

Part # AD9549BCPZ
Description  Dual Input Network Clock Generator/Synchronizer
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9549BCPZ Datasheet(HTML) 32 Page - Analog Devices

Back Button AD9549BCPZ Datasheet HTML 28Page - Analog Devices AD9549BCPZ Datasheet HTML 29Page - Analog Devices AD9549BCPZ Datasheet HTML 30Page - Analog Devices AD9549BCPZ Datasheet HTML 31Page - Analog Devices AD9549BCPZ Datasheet HTML 32Page - Analog Devices AD9549BCPZ Datasheet HTML 33Page - Analog Devices AD9549BCPZ Datasheet HTML 34Page - Analog Devices AD9549BCPZ Datasheet HTML 35Page - Analog Devices AD9549BCPZ Datasheet HTML 36Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 78 page
background image
AD9549
Preliminary Technical Data
Rev. PrA | Page 32 of 78
Hysteresis in the phase lock detection process is controlled by
specifying the minimum duration that qualifies as an unlock
event. An unlock event is declared when the control logic
observes that the output of the comparator has been in the false
state for 2Y+1 periods of the P-Divider clock (provided that the
phase lock detect signal has been asserted). Detection of an
unlock event clears the phase lock detect signal, and the phase
lock detection process is automatically restarted.
The time required to declare an unlock event is programmable
via the Phase Lock Watchdog Timer register. The interval is
controlled by a 3-bit number, Y (0 ≤ Y ≤ 7). The absolute
duration of the unlock detection interval is:
S
Y
f
P
UNLOCK
T
1
2 +
=
Figure 16 below shows the basic timing relationship between
the reference signal at the input to the phase detector, the phase
error magnitude, the output of the comparator, and the output
of the phase lock detector. The example shown here assumes
that X=3 and Y=1.
fR/R
fS/P
Phase Error
Magnitude
Samples
Threshold
0
Threshold
Comparator
Lock
Timer
(X=3)
Unlock
Timer
(Y=1)
8
4
8
LOCKED
Figure 16: Lock/Unlock Detection Timing
Frequency Lock Detection
Frequency lock detection is similar to phase lock detection,
with the exception that the difference between successive phase
samples is the source of information. A running difference of
the phase samples serves as a digital approximation to the time-
derivative of the phase samples, which is analogous to
frequency.
Digital
Comparator
Absolute
Value
P-Divider Clock
Phase
Detector
Samples
Control Logic
Lock
Timer
Unlock
Timer
X
Y
I/O Registers
3
5
Close
Loop
RESET
Differencer
Frequency
Lock
Detect
Frequency Lock
Detect Threshold
Figure 17: Frequency Lock Detection
The formula for the Frequency Lock Detect Threshold value
(FLDT) is:


⋅
⋅
∆
=
2
7
10
_
10
2
R
f
R
Gain
FPFD
f
round
FLDT
Where fR is the frequency of the active reference, R is the value
of the reference prescaler, and ∆f is the maximum frequency
deviation of fR that is considered to indicate a frequency locked
condition (∆f ≥ 0). For example, suppose that fR=3MHz, R=5,
FPFD_Gain=200, and a frequency lock threshold of 1% is
specified. Then the frequency lock detect threshold value is:
()
667
,
170
10
3
5
200
10
2
10
3
%
1
2
6
7
10
6
=
⋅
⋅
⋅
⋅
⋅
⋅
= round
FLDT
Hence, 170667 (00029AABh) is the value that should be stored
in the Frequency Lock Detect Threshold register.
The duration of the frequency lock/unlock detection process is
controlled in exactly the same way as the phase lock/unlock



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com