Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9549BCPZ Datasheet(PDF) 5 Page - Analog Devices

Part # AD9549BCPZ
Description  Dual Input Network Clock Generator/Synchronizer
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9549BCPZ Datasheet(HTML) 5 Page - Analog Devices

  AD9549BCPZ Datasheet HTML 1Page - Analog Devices AD9549BCPZ Datasheet HTML 2Page - Analog Devices AD9549BCPZ Datasheet HTML 3Page - Analog Devices AD9549BCPZ Datasheet HTML 4Page - Analog Devices AD9549BCPZ Datasheet HTML 5Page - Analog Devices AD9549BCPZ Datasheet HTML 6Page - Analog Devices AD9549BCPZ Datasheet HTML 7Page - Analog Devices AD9549BCPZ Datasheet HTML 8Page - Analog Devices AD9549BCPZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 78 page
background image
Preliminary Technical Data
AD9549
Rev. PrA | Page 5 of 78
DC SPECIFICATIONS
Unless otherwise noted, AVDD=1.8±5%, AVDD3=3.3±5%, DVDD=1.8±5%, DVDD_I/O=3.3±5%.
Table 1.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
SUPPLY VOLTAGE
DVDD_I/O (pin 1)
3.135
3.30
3.465
V
(with respect to DVSS)
DVDD (pin 3, 5, 7)
1.71
1.80
1.89
V
(with respect to DVSS)
AVDD3 (pin 14, 46, 47, 49)
3.135
3.30
3.465
V
(with respect to AVSS)
AVDD3 (pin 37)
1.71
3.30
3.465
V
(with respect to AVSS)
AVDD (pin 11,19, 23-26,29,30,36,42,44,45,53)
1.71
1.80
1.89
V
(with respect to AVSS)
SUPPLY CURRENT
I-AVDD3 (pin 14)
6
TBD
mA
REFA, REFB Buffers
I-AVDD3 (pin 37)
TBD
mA
CMOS Output Clock Driver at 3.3V
I-AVDD3 (pin 46, 47, 49)
25
TBD
mA
DAC output current source
I-AVDD (pin 36)
8
TBD
mA
HSTL Output Clock Driver
I-AVDD (pin 42)
10
TBD
mA
FDBK
I-AVDD (pin 11)
10
TBD
mA
SYSCLK
I-AVDD (pin 19, 23-26, 29, 30, 44, 45)
170
TBD
mA
aggregate analog supply
I-AVDD (pin 53)
35
TBD
mA
DAC Power Supply
I-DVDD (pin 3, 5, 7)
200
TBD
mA
Digital Core
I-DVDD_I/O (pin 1)
3
TBD
mA
Digital I/O (varies dynamically)
LOGIC INPUTS (Except Pin 32)
Pins 56-61, 64, 9, 10, 54, 55, 63
Input High Voltage (VIH)
2.0
V
Input Low Voltage (VIL)
0.8
V
Input Current (IINH, IINL)
±30
±100
µA
At Vin=0V and Vin=DVDD_I/O
Maximum Input Capacitance (CIN)
3
pF
CLKMODESEL (Pin 32) LOGIC INPUT
Pin 32 only.
Input High Voltage (VIH)
1.4
V
Input Low Voltage (VIL)
0.4
V
Input Current (IINH, IINL)
±30
±100
µA
At Vin=0V and Vin=DVDD_I/O
Maximum Input Capacitance (CIN)
3
pF
LOGIC OUTPUTS
Pin 62, & bi-dir. pins 9, 10, 54, 55, 63
Output High Voltage (VOH)
2.7
V
IOH = 1 mA w/ VOH =DVDD_I/O-0.4V
Output Low Voltage (VOL)
0.4
V
IOL = 1mA w/ VOL =0.4V
REFERENCE INPUTS
Pins 12, 13, 15, 16
Input Capacitance
3
pF
Input Resistance
16
KΩ
Differential at Vbias=AVDD3-800mV
Common Mode Input Voltage1
V
differential operation
Differential Input Voltage Swing1
mV
differential operation
Input Voltage High (VIH)
V
single-ended operation
Input Voltage Low (VIL)
V
single-ended operation
Input Current
mA
single-ended operation
Internal Bias Voltage
AVDD3-
1600
AVDD3-
800
AVDD3-
400
mV
programmable (see text)
FDBK INPUT
Pins 40, 41
Input Capacitance
3
pF
Input Resistance
30
KΩ
Differential
Common Mode Input Voltage2
V
differential operation
Differential Input Voltage Swing2
mV
differential operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com