Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9549BCPZ Datasheet(PDF) 63 Page - Analog Devices

Part # AD9549BCPZ
Description  Dual Input Network Clock Generator/Synchronizer
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9549BCPZ Datasheet(HTML) 63 Page - Analog Devices

Back Button AD9549BCPZ Datasheet HTML 59Page - Analog Devices AD9549BCPZ Datasheet HTML 60Page - Analog Devices AD9549BCPZ Datasheet HTML 61Page - Analog Devices AD9549BCPZ Datasheet HTML 62Page - Analog Devices AD9549BCPZ Datasheet HTML 63Page - Analog Devices AD9549BCPZ Datasheet HTML 64Page - Analog Devices AD9549BCPZ Datasheet HTML 65Page - Analog Devices AD9549BCPZ Datasheet HTML 66Page - Analog Devices AD9549BCPZ Datasheet HTML 67Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 78 page
background image
Preliminary Technical Data
AD9549
Rev. PrA | Page 63 of 78
0319
M
00
031A
M
00
031B
M
00
031C
M
Frequency Lock Threshold [31:0]
00
031D
M
Frequency
Lock
Frequency Unlock Watchdog Timer
[2:0]
Frequency Lock Watchdog Timer [4:0]
FF
031E
M
FF
031F
M
RefA LOR Divider [15:0]
FF
0320
M
FF
0321
M
Loss of
Reference
RefB LOR Divider [15:0]
FF
0322
M
00
0323
M
RefA OOL Divider [15:0]
00
0324
M
FF
0325
M
FF
0326
M
FF
0327
M
RefA OOL Upper Limit [31:0]
FF
0328
M
00
0329
M
00
032A
M
00
032B
M
RefA OOL Lower Limit [31:0]
00
032C
M
00
032D
M
RefB OOL Divider [15:0]
00
032E
M
FF
032F
M
FF
0330
M
FF
0331
M
Reference
Out Of
Limits
RefB OOL Upper Limit [31:0]
FF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com