Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9549BCPZ Datasheet(PDF) 30 Page - Analog Devices

Part # AD9549BCPZ
Description  Dual Input Network Clock Generator/Synchronizer
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9549BCPZ Datasheet(HTML) 30 Page - Analog Devices

Back Button AD9549BCPZ Datasheet HTML 26Page - Analog Devices AD9549BCPZ Datasheet HTML 27Page - Analog Devices AD9549BCPZ Datasheet HTML 28Page - Analog Devices AD9549BCPZ Datasheet HTML 29Page - Analog Devices AD9549BCPZ Datasheet HTML 30Page - Analog Devices AD9549BCPZ Datasheet HTML 31Page - Analog Devices AD9549BCPZ Datasheet HTML 32Page - Analog Devices AD9549BCPZ Datasheet HTML 33Page - Analog Devices AD9549BCPZ Datasheet HTML 34Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 78 page
background image
AD9549
Preliminary Technical Data
Rev. PrA | Page 30 of 78
The min(), max(), floor(), ceil() and round() functions are
defined as follows. The function, min(x1, x2, … xn), chooses the
smallest value in the list of arguments. The function, max(x1,
x2, … xn), chooses the largest value in the list of arguments. The
function, ceil(x), increases x to the next higher integer if x is
NOT an integer, otherwise x is unchanged. The function,
floor(x), reduces x to the next lower integer if x is NOT an
integer, otherwise x is unchanged. The function, round(x),
rounds x to the nearest integer.
To demonstrate the wide programmable range of the loop filter
bandwidth, consider the following design example. The system
clock frequency (fS) is 1GHz, the input reference frequency (fR)
is 19.44MHz, the DDS output frequency (fDDS) is 155.52MHz,
and the required phase margin (φ) is 45°. fR is within the
nominal bandwidth of the phase detector (25MHz), and fDDS/fR,
is an integer (8), so the prescalar is not required. We can
therefore use R=1 and S=8 for the feedforward and feedback
dividers, respectively.
NOTE: If fDDS/fR is a non- integer, then R and S must be chosen
such that S/R= fDDS/fR with S and R both constrained to integer
values. For example, if fR=10MHz and fDDS=155.52MHz, then
the optimal choice for S and R is 1944 and 125, respectively.
The open loop bandwidth range under the defined conditions
spans 9.5Hz to 257.5kHz. The wide dynamic range of the loop
filter coefficients allows for programming of any open loop
bandwidth within this range under these conditions. The
resulting closed loop bandwidth range under the same
conditions is approximately 12Hz to 359kHz.
The resulting loop filter coefficients for the upper loop
bandwidth along with the necessary programming values are
shown below.
α = 4322509.4784981
β
0
= 3393 (D41h)
α
0
= 2111 (83Fh)
β
1
= 0 (0h)
α
1
= 22 (16h)
γ = -0.12499215775201
α
2
= 0 (0h)
γ
0
= 4095 (FFFh)
β = -0.10354689386232
γ
1
= 0 (0h)
The resulting loop filter coefficients for the lower loop
bandwidth along with the necessary programming values are
shown below.
α = 0.005883404361345
β
0
= 16 (10h)
α
0
= 1542 (606h)
β
1
= 7 (7h)
α
1
= 0 (00h)
γ = -0.00000461136116
α
2
= 7 (7h)
γ
0
= 19 (13h)
β = -0.000003820176667
γ
1
= 7 (7h)
Details on exactly how these coefficients are derived can be
obtained by contacting Analog Devices Inc. directly.
CLOSED LOOP PHASE OFFSET
The AD9549 provides for limited control over the phase offset
between the reference input signal and the output signal by
adding a constant phase offset value to the output of the phase
detector. An adder is included at the output of the phase
detector as shown in the figure below to support this. The value
of the constant (PLLOFFSET) is set via the PLL Offset register.
Phase
Detector
Loop
Filter
Phase
Offset
Value
CLK
Feedback
To
CCI
Filter
Figure 14: Input Phase Offset Adder
PLLOFFSET is a function of the phase detector gain and the
desired amount of timing offset (∆tOFFSET). It is given by:
(
)
Gain
FPFD
t
PLL
OFFSET
OFFSET
_
10
2
7
10
∆
=
NOTE: FPFD_Gain is described in the Fine Phase Detector
section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com