Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9549BCPZ Datasheet(PDF) 64 Page - Analog Devices

Part # AD9549BCPZ
Description  Dual Input Network Clock Generator/Synchronizer
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9549BCPZ Datasheet(HTML) 64 Page - Analog Devices

Back Button AD9549BCPZ Datasheet HTML 60Page - Analog Devices AD9549BCPZ Datasheet HTML 61Page - Analog Devices AD9549BCPZ Datasheet HTML 62Page - Analog Devices AD9549BCPZ Datasheet HTML 63Page - Analog Devices AD9549BCPZ Datasheet HTML 64Page - Analog Devices AD9549BCPZ Datasheet HTML 65Page - Analog Devices AD9549BCPZ Datasheet HTML 66Page - Analog Devices AD9549BCPZ Datasheet HTML 67Page - Analog Devices AD9549BCPZ Datasheet HTML 68Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 78 page
background image
AD9549
Preliminary Technical Data
Rev. PrA | Page 64 of 78
0332
M
00
0333
M
00
0334
M
00
0335
M
RefB OOL Lower Limit [31:0]
00
0400
Calibration (User Accessible Trim)
0400
00
0401
K Divider
K Divider [15:0]
00
0402
M
CPFD Gain Scale [2:0]
00
0403
M
CPFD Gain
CPFD Gain [5:0]
20
0404
FPFD Gain
FPFD Gain [7:0]
C8
0405
00
0406
00
0407
00
0408
Reserved
00
0409
M
DPLL Phase Offset [7:0]
00
040A
M
PFD Offset
DPLL Phase Offset [13:8]
00
040B
DAC Full-scale Current [7:0]
FF
040C
DAC FS
Current
DAC Full-scale Current
[9:8]
01
040D
Reserved
00
040E
Reserved
10
040F
Ref Bias
Level
DC Input Level [1:0]
00
0410
Reserved
00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com