Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NAND01G-M Datasheet(PDF) 7 Page - STMicroelectronics

Part # NAND01G-M
Description  256/512Mb/1Gb (x8/x16, 1.8/3V, 528 Byte Page) NAND Flash Memories 256/512Mb (x16/x32, 1.8V) LPSDRAM, MCP
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

NAND01G-M Datasheet(HTML) 7 Page - STMicroelectronics

Back Button NAND01G-M Datasheet HTML 3Page - STMicroelectronics NAND01G-M Datasheet HTML 4Page - STMicroelectronics NAND01G-M Datasheet HTML 5Page - STMicroelectronics NAND01G-M Datasheet HTML 6Page - STMicroelectronics NAND01G-M Datasheet HTML 7Page - STMicroelectronics NAND01G-M Datasheet HTML 8Page - STMicroelectronics NAND01G-M Datasheet HTML 9Page - STMicroelectronics NAND01G-M Datasheet HTML 10Page - STMicroelectronics NAND01G-M Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
NAND256-M, NAND512-M, NAND01G-M
Summary description
7/23
LPSDRAM Component
The NAND256-M and NAND512-M devices contain either:
●
one M65KA256AL: 256Mbit (x16) Single Data Rate (SDR) LPSDRAM
●
two M65KA256AL: 256Mbit (x16) Single Data Rate (SDR) LPSDRAMs (SDR0 and
SDR1)
●
one M65KG256AF: 256Mbit (x16) Double Data Rate (DDR) LPSDRAM
●
one M65KG512AB: 512Mbit (x16) Double Data Rate (DDR) LPSDRAM
●
one M65KC512AB: 512Mbit (x32) Single Data Rate (SDR) LPSDRAM
Refer to Table 1: Product List, for a description of the memories contained in the NAND256-
M, NAND256-M and NAND01G-M devices.
For detailed information on how to use the SDR LPSDRAM devices, refer to the
M65KA256AL and M65KC512AB datasheets which are available from your local
STMicroelectronics distributor.
For detailed information on how to use the DDR LPSDRAM device, refer to the
M65KG256AB datasheet which is available from your local STMicroelectronics distributor.
Figure 1.
Logic Diagram: NAND Flash & 1 x SDR LPSDRAM
Ai11024b
13
A0-A12
DQ0-DQ15
16
K
KE
WD
VDDQD
ED
CAS
DQM0
DQM1
VDDF
WF
VDDD
NAND256-M
NAND512-M
NAND01G-M
EF
VSSD
WP
AL
CL
RB
R
RAS
2
BA0-BA1
8/16
I/O8-I/O15, x16
I/O0-I/O7, x8/x16
VSSQD
VSSF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com