Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NAND01G-M Datasheet(PDF) 22 Page - STMicroelectronics

Part # NAND01G-M
Description  256/512Mb/1Gb (x8/x16, 1.8/3V, 528 Byte Page) NAND Flash Memories 256/512Mb (x16/x32, 1.8V) LPSDRAM, MCP
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

NAND01G-M Datasheet(HTML) 22 Page - STMicroelectronics

Back Button NAND01G-M Datasheet HTML 15Page - STMicroelectronics NAND01G-M Datasheet HTML 16Page - STMicroelectronics NAND01G-M Datasheet HTML 17Page - STMicroelectronics NAND01G-M Datasheet HTML 18Page - STMicroelectronics NAND01G-M Datasheet HTML 19Page - STMicroelectronics NAND01G-M Datasheet HTML 20Page - STMicroelectronics NAND01G-M Datasheet HTML 21Page - STMicroelectronics NAND01G-M Datasheet HTML 22Page - STMicroelectronics NAND01G-M Datasheet HTML 23Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 22 / 23 page
background image
Revision history
NAND256-M, NAND512-M, NAND01G-M
22/23
5
Revision history
Table 11.
Document Revision History
Date
Version
Revision Details
06-Feb-2006
1.0
First Issue.
09-Feb-2006
2.0
Reference M65KG256AD changed to M65KG256AB.
07-Apr-2006
3
Part numbers NAND512R4M3 and NAND512R4M5 added,
corresponding to 1 die of 512 Mb (x16) NAND Flash + 1 die of 256 Mb or
512 Mb (x16) DDR LPSDRAM.
23-May-2006
4
Temperature range -25 to 85°C removed for 512 Mbit LPSDRAMs.
NAND512W3M2 part number added in Table 1: Product List.
Figure 5: TFBGA149 Connections (Top view through package) updated.
LPSDRAM supply voltage changed to 1.7 to 1.9V.
24-Aug-2006
5
1 Gbit (x8) 3V NAND Flash memory and 512Mbit SDR (x32) 1.8V,
133MHz LPSDRAM added for NAND01GW3M2.
TFBGA137 package added.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com