Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NAND01G-M Datasheet(PDF) 12 Page - STMicroelectronics

Part # NAND01G-M
Description  256/512Mb/1Gb (x8/x16, 1.8/3V, 528 Byte Page) NAND Flash Memories 256/512Mb (x16/x32, 1.8V) LPSDRAM, MCP
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

NAND01G-M Datasheet(HTML) 12 Page - STMicroelectronics

Back Button NAND01G-M Datasheet HTML 8Page - STMicroelectronics NAND01G-M Datasheet HTML 9Page - STMicroelectronics NAND01G-M Datasheet HTML 10Page - STMicroelectronics NAND01G-M Datasheet HTML 11Page - STMicroelectronics NAND01G-M Datasheet HTML 12Page - STMicroelectronics NAND01G-M Datasheet HTML 13Page - STMicroelectronics NAND01G-M Datasheet HTML 14Page - STMicroelectronics NAND01G-M Datasheet HTML 15Page - STMicroelectronics NAND01G-M Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 23 page
background image
Summary description
NAND256-M, NAND512-M, NAND01G-M
12/23
Table 4.
Signal Names - NAND Flash & DDR LPSDRAM
NAND Flash
I/O0-I/O15
Data Inputs/Outputs
AL
Address Latch Enable
CL
Command Latch Enable
EF
Chip Enable
R
Read Enable
RB
Ready/Busy (open-drain output)
WF
Write Enable
WP
Write Protect
VDDF
Supply Voltage
VSSF
Ground
DDR LPSDRAM
A0-A12
Address Inputs
A10 determines the Precharge mode.
BA0-BA1
Bank Select Inputs
DQ0-DQ15
Data Inputs/Outputs
UDQS-LDQS
Data Strobe Inputs/Outputs
K
Clock Input
K
Clock Input
KE
Clock Enable Input
ED
Chip Select inputs
WD
Write Enable Input
RAS
Row Address Strobe Input
CAS
Column Address Strobe Input
DQM0
DQ Mask Enable Input (controls DQ0-DQ7)
DQM1
DQ Mask Enable Input (controls DQ8-DQ15)
VDDD
Supply Voltage
VDDQD
Input/Output Supply Voltage
VSSD
Ground
VSSQD
Input/Output Ground
NC
Not Connected Internally
DU
Do Not Use



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com