Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NAND01G-M Datasheet(PDF) 14 Page - STMicroelectronics

Part # NAND01G-M
Description  256/512Mb/1Gb (x8/x16, 1.8/3V, 528 Byte Page) NAND Flash Memories 256/512Mb (x16/x32, 1.8V) LPSDRAM, MCP
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

NAND01G-M Datasheet(HTML) 14 Page - STMicroelectronics

Back Button NAND01G-M Datasheet HTML 10Page - STMicroelectronics NAND01G-M Datasheet HTML 11Page - STMicroelectronics NAND01G-M Datasheet HTML 12Page - STMicroelectronics NAND01G-M Datasheet HTML 13Page - STMicroelectronics NAND01G-M Datasheet HTML 14Page - STMicroelectronics NAND01G-M Datasheet HTML 15Page - STMicroelectronics NAND01G-M Datasheet HTML 16Page - STMicroelectronics NAND01G-M Datasheet HTML 17Page - STMicroelectronics NAND01G-M Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 23 page
background image
Summary description
NAND256-M, NAND512-M, NAND01G-M
14/23
Figure 5.
TFBGA149 Connections (Top view through package)
1.
Balls shaded in gray are only present for NAND + DDR devices delivered in the TFBGA149 package.
AI11007b
DQM1
KE
A11
DQM0
H
A9
D
R
C
DQ4
A1
B
A3
A
8
7
6
5
4
3
2
1
G
F
E
DU
WP
A0
BA0
DQ6
CAS
WF
BA1
DU
VDDD
9
NC
A7
ED
M
L
K
J
DU
DQ15
NC
DQ13
VSSF
I/O0
I/O7
DU
DU
VSSQD
DU
P
N
12
NC
RB
DQ2
NC
NC
EF
I/O2
NC
CL
AL
DQ0
VSSD
I/O1
K
DQ1
DQ3
DQ5
DQ7
VDDD
DQ10
VSSD
DQ8
DU
DU
DU
DU
WD
NC
RAS
VDDF
NC
NC
NC
A10
DU
A8
DU
NC
DU
NC
VDDQD
NC
DU
DU
DU
DU
DU
DU
DU
DU
DU
DU
DU
DU
DU
DU
10
11
T
R
NC
DU
VSSD
VDDD
DU
NC
I/O6
I/O5
A6
A12
NC
NC
A2
A5
I/O4
NC
NC
A4
NC
VDDF
VSSF
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
I/O3
NC
DQ11
DQ14
DQ12
DQ9
VDDQD
VSSD
K
UDQS
I/O9
I/O8
I/O15
I/O14
I/O13
I/O10
I/O12
I/O11
LDQS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com