Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NAND01G-M Datasheet(PDF) 11 Page - STMicroelectronics

Part # NAND01G-M
Description  256/512Mb/1Gb (x8/x16, 1.8/3V, 528 Byte Page) NAND Flash Memories 256/512Mb (x16/x32, 1.8V) LPSDRAM, MCP
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

NAND01G-M Datasheet(HTML) 11 Page - STMicroelectronics

Back Button NAND01G-M Datasheet HTML 7Page - STMicroelectronics NAND01G-M Datasheet HTML 8Page - STMicroelectronics NAND01G-M Datasheet HTML 9Page - STMicroelectronics NAND01G-M Datasheet HTML 10Page - STMicroelectronics NAND01G-M Datasheet HTML 11Page - STMicroelectronics NAND01G-M Datasheet HTML 12Page - STMicroelectronics NAND01G-M Datasheet HTML 13Page - STMicroelectronics NAND01G-M Datasheet HTML 14Page - STMicroelectronics NAND01G-M Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
NAND256-M, NAND512-M, NAND01G-M
Summary description
11/23
Figure 3.
Logic Diagram: NAND Flash & DDR LPSDRAM
Ai11023b
13
A0-A12
DQ0-DQ15
K
KE
WD
VDDQD
ED
CAS
DQM1
DQM0
VDDF
WF
I/O0-I/O15
VDDD
NAND256-M
NAND512-M
NAND01G-M
EF
VSSD
WP
AL
CL
RB
R
RAS
2
BA0-BA1
K
UDQS-LDQS
16
VSSQD
VSSF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com