Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC8541-02 Datasheet(PDF) 31 Page - Microchip Technology

Part # VSC8541-02
Description  Single Port Gigabit Ethernet Copper PHY with GMII/RGMII/MII/RMII Interfaces
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

VSC8541-02 Datasheet(HTML) 31 Page - Microchip Technology

Back Button VSC8541-02 Datasheet HTML 27Page - Microchip Technology VSC8541-02 Datasheet HTML 28Page - Microchip Technology VSC8541-02 Datasheet HTML 29Page - Microchip Technology VSC8541-02 Datasheet HTML 30Page - Microchip Technology VSC8541-02 Datasheet HTML 31Page - Microchip Technology VSC8541-02 Datasheet HTML 32Page - Microchip Technology VSC8541-02 Datasheet HTML 33Page - Microchip Technology VSC8541-02 Datasheet HTML 34Page - Microchip Technology VSC8541-02 Datasheet HTML 35Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 101 page
background image
Functional Descriptions
VMDS-10513 VSC8541-02 Datasheet Revision 4.1
22
serial LED mode is enabled, the LED0 pin becomes the serial data pin, and the LED1 pin becomes the
serial clock pin. The serial LED mode clocks the LED status bits on the rising edge of the serial clock.
The LED behavior settings can also be used in serial LED mode. The LED combine and LED blink or
pulse-stretch setting of LED0 is used to control the behavior of each bit of the serial LED stream. To
configure LED behavior, set device register 30.
The following table shows the serial output bitstream of each LED signal.
3.11.3
Extended LED Modes
In addition to the LED modes in register 29, there are also additional LED modes that are enabled on the
LED pin whenever the corresponding register 19E1, bits 13 to 12 are set to 1. Each of these bits enable
an extended mode shown in the following table. For example, LED0 = mode 22 means that register 19E1
bit 12 = 1 and register 29 bits 3 to 0 = 0110.
The following table provides a summary of the extended LED modes and functions.
3.11.4
LED Behavior
Several LED behaviors can be programmed into the VSC8541-02 device. Use the settings in register 30
and 19E1 to program LED behavior, as described in the following sections.
3.11.4.1 LED Combine
Enables an LED to display the status for a combination of primary and secondary modes. This can be
enabled or disabled for each LED pin. For example, a copper link running in 1000BASE-T mode and
activity present can be displayed with one LED by configuring an LED pin to Link1000/Activity mode. The
LED asserts when linked to a 1000BASE-T partner and also blinks or performs pulse-stretch when
Table 15 •
LED Serial Bitstream Order
Output
Link/activity
1
Link1000/activity
2
Link100/activity
3
Link10/activity
4
Reserved
5
Duplex/collision
6
Collision
7
Activity
8
Reserved
9
Tx activity
10
Rx activity
11
Autonegotiation fault 12
Table 16 •
Extended LED Mode and Function Summary
Mode Function Name LED State and Description
16-19 Reserved
Reserved.
20
Force LED Off
1: De-asserts the LED.
21
Force LED On
0: Asserts the LED. LED pulsing is disabled in this mode.
22
Fast Link Fail
Enable fast link fail on the LED pin.
23
WoL interrupt
Enable WoL interrupt indication on the LED pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com