Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC8541-02 Datasheet(PDF) 53 Page - Microchip Technology

Part # VSC8541-02
Description  Single Port Gigabit Ethernet Copper PHY with GMII/RGMII/MII/RMII Interfaces
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

VSC8541-02 Datasheet(HTML) 53 Page - Microchip Technology

Back Button VSC8541-02 Datasheet HTML 49Page - Microchip Technology VSC8541-02 Datasheet HTML 50Page - Microchip Technology VSC8541-02 Datasheet HTML 51Page - Microchip Technology VSC8541-02 Datasheet HTML 52Page - Microchip Technology VSC8541-02 Datasheet HTML 53Page - Microchip Technology VSC8541-02 Datasheet HTML 54Page - Microchip Technology VSC8541-02 Datasheet HTML 55Page - Microchip Technology VSC8541-02 Datasheet HTML 56Page - Microchip Technology VSC8541-02 Datasheet HTML 57Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 101 page
background image
Registers
VMDS-10513 VSC8541-02 Datasheet Revision 4.1
44
information about LED modes, see Table 14, page 21. For information about enabling the extended LED
mode bits in Register 19E1 bits 13 to 12, see Table 16, page 22.
4.2.27
LED Behavior
The bits in register 30 control and enable you to read the status of the pulse or blink rate of the device
LEDs. The following table shows the settings you can write to the register or read from the register.
Note: Bits 30.11:10 are active only in port 0 and affect the behavior of LEDs for all the ports.
4.2.28
Extended Page Access
To provide functionality beyond the IEEE 802.3-specified registers and main device registers, an
extended set of registers provide an additional 15 register spaces.
Table 47 •
LED Mode Select, Address 29 (0x1D)
Bit
Name
Access Description
Default
15
Reserved
RO
Reserved.
14:8
Reserved
RO
Reserved.
7:4
LED1 mode select R/W
Sticky bit. Select from LED modes 0–15.
0101
3:0
LED0 mode select R/W
Sticky bit. Select from LED modes 0–15.
0100
Table 48 •
LED Behavior, Address 30 (0x1E)
Bit
Name
Access Description
Default
15:13 Reserved
RO
Reserved.
12
LED pulsing enable
R/W
Sticky bit.
0: Normal operation.
1: LEDs pulse with a 5 kHz, programmable duty
cycle when active.
0
11:10
LED blink/pulse-stretch rate
R/W
Sticky bit.
00: 2.5 Hz blink rate/400 ms pulse-stretch.
01: 5 Hz blink rate/200 ms pulse-stretch.
10: 10 Hz blink rate/100 ms pulse-stretch.
11: 20 Hz blink rate/50 ms pulse-stretch.
The blink rate selection sets the rate used for all
LED pins.
01
9:7
Reserved
RO
Reserved.
6
LED1 pulse-stretch/blink select R/W
Sticky bit.
1: Pulse-stretch.
0: Blink.
0
5
LED0 pulse-stretch/blink select R/W
Sticky bit.
1: Pulse-stretch.
0: Blink.
0
4:2
Reserved
RO
Reserved.
1
LED1 combine feature disable R/W
Sticky bit.
0: Combine enabled (link/activity, duplex/collision).
1: Disable combination (link only, duplex only).
0
0
LED0 combine feature disable R/W
Sticky bit.
0: Combine enabled (link/activity, duplex/collision).
1: Disable combination (link only, duplex only).
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com