Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC8541-02 Datasheet(PDF) 97 Page - Microchip Technology

Part # VSC8541-02
Description  Single Port Gigabit Ethernet Copper PHY with GMII/RGMII/MII/RMII Interfaces
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

VSC8541-02 Datasheet(HTML) 97 Page - Microchip Technology

Back Button VSC8541-02 Datasheet HTML 93Page - Microchip Technology VSC8541-02 Datasheet HTML 94Page - Microchip Technology VSC8541-02 Datasheet HTML 95Page - Microchip Technology VSC8541-02 Datasheet HTML 96Page - Microchip Technology VSC8541-02 Datasheet HTML 97Page - Microchip Technology VSC8541-02 Datasheet HTML 98Page - Microchip Technology VSC8541-02 Datasheet HTML 99Page - Microchip Technology VSC8541-02 Datasheet HTML 100Page - Microchip Technology VSC8541-02 Datasheet HTML 101Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 97 / 101 page
background image
Package Information
VMDS-10513 VSC8541-02 Datasheet Revision 4.1
88
PCB). For more information about the thermal measurement method used for this device, see the
JESD51-1 standard.
To achieve results similar to the modeled thermal measurements, the guidelines for board design
described in the JESD51 family of publications must be applied. For information about applications using
QFN packages, see the following:
•
JESD51-2A, Integrated Circuits Thermal Test Method Environmental Conditions, Natural Convection
(Still Air)
•
JESD51-6, Integrated Circuit Thermal Test Method Environmental Conditions, Forced Convection
(Moving Air)
•
JESD51-8, Integrated Circuit Thermal Test Method Environmental Conditions, Junction-to-Board
•
JESD51-7, High Effective Thermal Conductivity Test Board for Leaded Surface Mount Packages
•
JESD51-5, Extension of Thermal Test Board Standards for Packages with Direct Thermal
Attachment Mechanisms
7.3
Moisture Sensitivity
This device is rated moisture sensitivity level 3 or better as specified in the joint IPC and JEDEC standard
IPC/JEDEC J-STD-020. For more information, see the IPC and JEDEC standard.
Table 118 •
Thermal Resistances
Symbol
°C/W
Parameter
θJCtop
19.3
Die junction to package case top
θJB
6.6
Die junction to printed circuit board
θJA
26.6
Die junction to ambient
θJMA at 1 m/s
20.0
Die junction to moving air measured at an air speed of 1 m/s
θJMA at 2 m/s
19.0
Die junction to moving air measured at an air speed of 2 m/s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com