Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC8541-02 Datasheet(PDF) 39 Page - Microchip Technology

Part # VSC8541-02
Description  Single Port Gigabit Ethernet Copper PHY with GMII/RGMII/MII/RMII Interfaces
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

VSC8541-02 Datasheet(HTML) 39 Page - Microchip Technology

Back Button VSC8541-02 Datasheet HTML 35Page - Microchip Technology VSC8541-02 Datasheet HTML 36Page - Microchip Technology VSC8541-02 Datasheet HTML 37Page - Microchip Technology VSC8541-02 Datasheet HTML 38Page - Microchip Technology VSC8541-02 Datasheet HTML 39Page - Microchip Technology VSC8541-02 Datasheet HTML 40Page - Microchip Technology VSC8541-02 Datasheet HTML 41Page - Microchip Technology VSC8541-02 Datasheet HTML 42Page - Microchip Technology VSC8541-02 Datasheet HTML 43Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 101 page
background image
Registers
VMDS-10513 VSC8541-02 Datasheet Revision 4.1
30
A register with an E and a number attached (such as 27E1) means it is a register contained within
extended register page number 1. A register with a G attached (such as 13G) means it is a GPIO page
register.
Bit numbering follows the IEEE standard with bit 15 being the most significant bit and bit 0 being the least
significant bit.
4.2
IEEE 802.3 and Main Registers
In the VSC8541-02 device, the page space of the standard registers consists of the IEEE 802.3 standard
registers and the Microsemi standard registers. The following table lists the names of the registers
associated with the addresses as specified by IEEE 802.3.
The following table lists the names of the registers in the main page space of the device. These registers
are accessible only when register address 31 is set to 0x0000.
Table 19 •
IEEE 802.3 Registers
Address
Name
0
Mode Control
1
Mode Status
2
PHY Identifier 1
3
PHY Identifier 2
4
Auto-negotiation Advertisement
5
Auto-negotiation Link Partner Ability
6
Auto-negotiation Expansion
7
Auto-negotiation Next-Page Transmit
8
Auto-negotiation Link Partner Next-Page Receive
9
1000BASE-T Control
10
1000BASE-T Status
11–12
Reserved
13
MMD EEE Access
14
MMD Address or Data Register
15
1000BASE-T Status Extension 1
Table 20 •
Main Registers
Address Name
16
100BASE-TX status extension
17
1000BASE-T status extension 2
18
Bypass control
19
Error Counter 1
20
Error Counter 2
21
Error Counter 3
22
Extended control and status
23
Extended PHY control 1
24
Extended PHY control 2
25
Interrupt mask



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com