Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC8541-02 Datasheet(PDF) 69 Page - Microchip Technology

Part # VSC8541-02
Description  Single Port Gigabit Ethernet Copper PHY with GMII/RGMII/MII/RMII Interfaces
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

VSC8541-02 Datasheet(HTML) 69 Page - Microchip Technology

Back Button VSC8541-02 Datasheet HTML 65Page - Microchip Technology VSC8541-02 Datasheet HTML 66Page - Microchip Technology VSC8541-02 Datasheet HTML 67Page - Microchip Technology VSC8541-02 Datasheet HTML 68Page - Microchip Technology VSC8541-02 Datasheet HTML 69Page - Microchip Technology VSC8541-02 Datasheet HTML 70Page - Microchip Technology VSC8541-02 Datasheet HTML 71Page - Microchip Technology VSC8541-02 Datasheet HTML 72Page - Microchip Technology VSC8541-02 Datasheet HTML 73Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 101 page
background image
Registers
VMDS-10513 VSC8541-02 Datasheet Revision 4.1
60
4.5.5
Enhanced LED Control
Register 25G in the extended register space controls the advanced functionality of the parallel LED
signals.
4.6
Clause 45 Registers to Support Energy-Efficient Ethernet
and 802.3bf
This section describes the Clause 45 registers that are required to support energy-efficient Ethernet.
Access to these registers is through the IEEE standard registers 13 and 14 (MMD access control and
MMD data or address registers).
The following table lists the addresses and register names in the Clause 45 register page space. When
the link is down, 0 is the value returned for the x.180x addresses.
4.6.1
PMA/PMD Status 1
The following table shows the bit descriptions for the PMA/PMD Status 1 register.
Table 76 •
Enhanced LED Control, Address 25G (0x19)
Bit
Name
Access Description
Default
15:8 LED pulsing duty cycle
control
R/W
Programmable control for LED pulsing duty cycle when
bit 30.12 is set to 1. Valid settings are between 0 and
198. A setting of 0 corresponds to a 0.5% duty cycle and
198 corresponds to a 99.5% duty cycle. Intermediate
values change the duty cycle in 0.5% increments.
0x00
7:0
Reserved
RO
Reserved.
Table 77 •
Clause 45 Registers Page Space
Address Name
1.1
PMA/PMD status 1
1.1800
PMA/PMD time sync capable
1.1801
PMA/PMD delay Tx max.
1.1803
PMA/PMD delay Tx min.
1.1805
PMA/PMD delay Rx max.
1.1807
PMA/PMD delay Rx min.
3.1
PCS status 1
3.20
EEE capability
3.22
EEE wake error counter
7.60
EEE advertisement
7.61
EEE link partner advertisement
Table 78 •
PMA/PMD Status 1
Bit
Name
Access Description
15:3
Reserved
RO
Reserved.
2
PMD/PMA receive link status
RO/LL
1: PMA/PMD receive link up.
0: PMA/PMD receive link down.
1:0
Reserved
RO
Reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com