Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OVR40275P Datasheet(PDF) 18 Page - ABB

Part # OVR40275P
Description  DIN Rail circuit protective devices
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

OVR40275P Datasheet(HTML) 18 Page - ABB

Back Button OVR40275P Datasheet HTML 14Page - ABB OVR40275P Datasheet HTML 15Page - ABB OVR40275P Datasheet HTML 16Page - ABB OVR40275P Datasheet HTML 17Page - ABB OVR40275P Datasheet HTML 18Page - ABB OVR40275P Datasheet HTML 19Page - ABB OVR40275P Datasheet HTML 20Page - ABB OVR40275P Datasheet HTML 21Page - ABB OVR40275P Datasheet HTML 22Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 62 page
background image
Surge
Pr
otective
Devices
16.16
Low Voltage Products & Systems
1SXU000023C0202 Rev. A
ABB Inc. • 888-385-1221 • www.abb.us/lowvoltage
16
16
Service entrance
Main distribution panel
Sub-distribution panel
Network
Service voltage
Number of wires
OVR NE12 enclosed SPD
OVR DIN rail SPD
OVR DIN rail SPD
Delta
240/120V HLD
4W+G
----
OVRT23N40320PTSU
OVRT23N15320PU
240V
3W+G
----
OVRT23L40320PTSU
OVRT23L15320PU
480V
3W+G
OVRNE12320480D(X)
OVRNE12160480D(X)
OVRT23L40550PTSU
OVRT23L40550PTSU
600V
3W+G
----
3 x OVRT240660PTSU
3 x OVRT240660PTSU
Single phase
120V
2W+G
----
OVRT21N40150PTSU
OVRT21N15150PU
240V
2W+G
----
OVRT21N40320PTSU
OVRT21N15320PU
277V
2W+G
----
OVRT21N40320PTSU
OVRT21N15320PU
Split phase
240/120V
3W+G
OVRNE12320120SP(X)
OVRNE12160120SP(X)
OVRT22N40150PTSU
OVRT22N15150PU
480/240V
3W+G
----
OVRT22N40320PTSU
OVRT22N15320PU
Wye
208/120V
4W+G
----
OVRT23N40150PTSU
OVRT23N15150PU
480/277V
4W+G
OVRNE12320277Y(X)
OVRNE12160277Y(X)
OVRT23N40320PTSU
OVRT23N15320PU
600/347V
4W+G
----
OVRT23N40440PTSU
OVRT23N40440PTSU
Product selection
Service voltage and location
Delta
240 / 120V HLD
Single phase
Split phase
240V, 480V, 600V
Wye
120V, 240V, 277V
240/120V, 480/240V
208/120V, 480/277V, 600/347V
General wiring diagrams - DIN rail devices
Service voltage and location
NOTE: Multiple pole SPDs shown. Wiring diagrams for reference only.
Delta



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com