Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OVR40275P Datasheet(PDF) 47 Page - ABB

Part # OVR40275P
Description  DIN Rail circuit protective devices
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

OVR40275P Datasheet(HTML) 47 Page - ABB

Back Button OVR40275P Datasheet HTML 43Page - ABB OVR40275P Datasheet HTML 44Page - ABB OVR40275P Datasheet HTML 45Page - ABB OVR40275P Datasheet HTML 46Page - ABB OVR40275P Datasheet HTML 47Page - ABB OVR40275P Datasheet HTML 48Page - ABB OVR40275P Datasheet HTML 49Page - ABB OVR40275P Datasheet HTML 50Page - ABB OVR40275P Datasheet HTML 51Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 62 page
background image
Low Voltage Products & Systems
16.45
ABB Inc. • 888-385-1221 • www.abb.us/lowvoltage
1SXU000023C0202 Rev. A
Fuse
holders
&
fuse
disconnectors
16
16
Fuse indicator LED
E 90 PV Fuse disconnectors
E 90 PV series fuse disconnectors (UL approved), designed for operating voltages of 1000 V d.c. with utilization category DC-20B, are
particularly suited for protection against overcurrents of photovoltaic systems. The single-pole or two-pole E 90 PV disconnectors for
10.3 x 38 mm cylindrical fuse links offer a reliable, compact and affordable solution for photovoltaic installations. Versions with blown
fuse indicator allow to check whether the fuse is still working correctly or not.
1
2
N
1P+N
1
2
3
4
3P+N
5
6
N
1
2
3
4
2P
1
2
N
1P+N
1
2
1P
1
2
3
4
3P+N
5
6
N
1
2
3
4
3P
5
6
N
N
1
2
3
4
4P
5
6
7
8
1
2
N
1P+N
1
2
3
4
3P+N
5
6
N
1
2
3
4
2P
1
2
N
1P+N
1
2
1P
1
2
3
4
3P+N
5
6
N
1
2
3
4
3P
5
6
N
N
1
2
3
4
4P
5
6
7
8
38 mm
Ø 10.3 mm
31.5 mm
Ø 8.5 mm
51 mm
Ø 15 mm
58 mm
Ø 22 mm
Technical data
Type
E 90/32 PV
Fuse
[mm]
10 x 38
Current type
d.c.
Rated frequency
[Hz]
-
Rated current
[A]
32
Max power dissipation
[W]
3
Tightening torque
[Nm]
PZ2 2-2.5
Terminal cross section
[mm2]
25
Protection degree
IP20
Can be padlocked (open)
■
Can be sealed (closed)
■
IEC 60947-3
Rated operating voltage
[V]
1000
Utilization category
DC-20B
UL 4248
Mark
cULus
In direct current systems, since the LED al-
lows the current to flow only from positive to
negative, the wiring of the blown fuse indicator
version should follow the current direction as
shown in the diagram.
Note: CCC mark is available on
custom versions for Chinese mar-
ket
E90 PV fuse disconnectors for 10.3 x 38 mm fuses (DC-20B)
No. of poles
Modules
Rated Current In A
Catalog number
1
1
32
E91/32PV
1
1
32
E91/32PVs
2
2
32
E92/32PV
2
2
32
E92/32PVs
s: version with blown fuse indicator light
Electrical symbols
Wiring of E 90 PV with blown fuse indicator light in direct current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com