Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OVR40275P Datasheet(PDF) 60 Page - ABB

Part # OVR40275P
Description  DIN Rail circuit protective devices
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

OVR40275P Datasheet(HTML) 60 Page - ABB

Back Button OVR40275P Datasheet HTML 54Page - ABB OVR40275P Datasheet HTML 55Page - ABB OVR40275P Datasheet HTML 56Page - ABB OVR40275P Datasheet HTML 57Page - ABB OVR40275P Datasheet HTML 58Page - ABB OVR40275P Datasheet HTML 59Page - ABB OVR40275P Datasheet HTML 60Page - ABB OVR40275P Datasheet HTML 61Page - ABB OVR40275P Datasheet HTML 62Page - ABB  
Zoom Inzoom in Zoom Outzoom out
 60 / 62 page
background image
16.58
Low Voltage Products & Systems
1SXU000023C0202 Rev. A
ABB Inc. • 888-385-1221 • www.abb.us/lowvoltage
Command
Devices
E210
Series
16
16
E210 Indicator lights with LEDs
Single indicator light - LED Voltage range = 12-48 V AC/DC
Button
color
Power loss
Width
Catalog
number
W
mm
White
0.40
9
E219-B48
Red
0.40
9
E219-C48
Green
0.40
9
E219-D48
Yellow
0.40
9
E219-E48
Blue
0.40
9
E219-G48
Single indicator light - LED Voltage range = 110-220 V DC
Button
color
Power loss
Width
Catalog
number
W
mm
White
1.00
9
E219-B220
Red
1.00
9
E219-C220
Green
1.00
9
E219-D220
Yellow
1.00
9
E219-E220
Blue
1.00
9
E219-G220
Terminal assignment
Technical data
Pushbuttons and Single indicator light
Rated Voltage Un
[V]
250/400
Lowest operat. voltage
24 V; 25 mA
Rated current In
[A]
16
LED current
[mA]
5
Rated frequency
[Hz]
50/60
Modules
[No]
0.5
Tightening torque
[Nm]
1.2 - 1.5
Standards
EN 60669-1; EN 62094-1; UL 508
Approvals
Pushbuttons: VDE, UL, GOST, CCC
Single Indicator light: VDE, UL, GOST
E219-... Indicator Lights with LED (5 different colors)
Single indicator light - LED Voltage range = 115-250 V AC
Button
color
Power loss
Width
Catalog
number
W
mm
White
0.47
9
E219-B
Red
0.47
9
E219-C
Green
0.47
9
E219-D
Yellow
0.47
9
E219-E
Blue
0.47
9
E219-G
The new products are available in 9 mm width (= 0.5 modules) and can be used for
indicating any operational condition such as signalling loss of a phase. The range offers
three different voltages. (Ranges: 12-48 V AC/DC; 115-250 V AC and 110-220 V DC).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com