Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OVR40275P Datasheet(PDF) 46 Page - ABB

Part # OVR40275P
Description  DIN Rail circuit protective devices
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

OVR40275P Datasheet(HTML) 46 Page - ABB

Back Button OVR40275P Datasheet HTML 42Page - ABB OVR40275P Datasheet HTML 43Page - ABB OVR40275P Datasheet HTML 44Page - ABB OVR40275P Datasheet HTML 45Page - ABB OVR40275P Datasheet HTML 46Page - ABB OVR40275P Datasheet HTML 47Page - ABB OVR40275P Datasheet HTML 48Page - ABB OVR40275P Datasheet HTML 49Page - ABB OVR40275P Datasheet HTML 50Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 62 page
background image
16.44
Low Voltage Products & Systems
1SXU000023C0202 Rev. A
ABB Inc. • 888-385-1221 • www.abb.us/lowvoltage
Fuse
holders
&
fuse
disconnectors
16
16
E 90h Fuseholders
E 90h fuseholders are suitable for protection against overloads and short circuits. Available in a single module 1P+N version and in a
three-module 3P+N version, they are designed for use with gG and aM cylindrical fuse links. The body is made from self-extinguish-
ing material resistant to high temperatures, while the contact clips are in silver-plated copper. E 90h fuseholders can be sealed or
padlocked to assure operator safety during maintenance.
38 mm
Ø 10.3 mm
31.5 mm
Ø 8.5 mm
51 mm
Ø 15 mm
58 mm
Ø 22 mm
1P
1P+N
2P
3P
3P+N
4P
1P+N
1P
3P+N
2P
Technical data
Type
E 90hN/32
Fuse
[mm]
10 x 38
Current type
a.c. / d.c.
Rated frequency
[Hz]
50-60
Rated current
[A]
32
Max power dissipation
[W]
3
Tightening torque
[Nm]
PZ2 0.8-1.2
Terminal cross section
[mm2]
16
Protection degree
IP20
Can be padlocked (open)
■
Can be sealed (closed)
■
IEC 60269-1
Rated a.c. voltage
[V]
690
Rated d.c. voltage
[V]
690
IEC 60269-2
Fuse system
F
Rated a.c. voltage
[V]
690
Rated d.c. voltage
[V]
440
Breaking capacity
[kA]
200 (a.c.) – 100 (d.c.)
IEC 60269-3
Fuse system
B
Rated a.c. voltage
[V]
400
Markings
IMQ
IEC 60269-4
Fuse system
F
Rated a.c. voltage
[V]
690
Rated d.c. voltage
[V]
690
UL 4248
Mark
cURus
Note: NF mark is available on cus-
tom versions with left sided neutral
for French market
E90h fuseholders for 10.3 x 38 mm fuses
No. of poles
Modules
Rated Current In A
Catalog
number
1+N
1
32
E91hN/32
1+N
1
32
E91hN/32s
3+N
3
32
E93hN/32
s: version with blown fuse indicator light.
Electrical symbols



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com