Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OVR40275P Datasheet(PDF) 33 Page - ABB

Part # OVR40275P
Description  DIN Rail circuit protective devices
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

OVR40275P Datasheet(HTML) 33 Page - ABB

Back Button OVR40275P Datasheet HTML 29Page - ABB OVR40275P Datasheet HTML 30Page - ABB OVR40275P Datasheet HTML 31Page - ABB OVR40275P Datasheet HTML 32Page - ABB OVR40275P Datasheet HTML 33Page - ABB OVR40275P Datasheet HTML 34Page - ABB OVR40275P Datasheet HTML 35Page - ABB OVR40275P Datasheet HTML 36Page - ABB OVR40275P Datasheet HTML 37Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 62 page
background image
Residual
Curr
ent
Devices
Low Voltage Products & Systems
16.31
ABB Inc. • 888-385-1221 • www.abb.us/lowvoltage
1SXU000023C0202 Rev. A
16
16
F200AC S
F200 Series
AC Type
13
2/14/3
5
6/5
24
6
In=63 A
Y1 Y2
1/23/4
2/14/3
5/6
6/5
In=50-63 A
Y1 Y2
1/23/4 5/6
1/23/4 5/67/8
1/23/4 5/67/8
1/23/4
1/23/4
1/23/4
In up to 40A
13
2/14/3
5
6/5
24
6
In=63 A
Y1 Y2
1/23/4
2/14/3
5/6
6/5
In=50-63 A
Y1 Y2
1/23/4 5/6
1/23/4 5/67/8
1/23/4 5/67/8
1/23/4
1/23/4
1/23/4
In up to 40A
F202AC S
F204AC S
F202AC S
F204AC S
Type AC S (Selectivity)
• Intentional tripping delay, permitting
selectivity with downstream instantaneous
devices
• 5kA surge current resistance
• Suitable for protection against AC earth
leakage current
• 2 & 4 poles
• 40 and 63 A range
• Can be used as a main device providing
ground fault protection against earth
leakage for several MCB branch devices
Technical data
Technical data – See page 16.36
No. of
poles
Rated
residual
current
mA
Rated
current
A
Catalog number
2
100
40
F202ACS-40/0.1
63
F202ACS-63/0.1
300
40
F202ACS-40/0.3
63
F202ACS-63/0.3
500
40
F202ACS-40/0.5
63
F202ACS-63/0.5
1000
40
F202ACS-40/1.0
63
F202ACS-63/1.0
No. of
poles
Rated
residual
current
mA
Rated
current
A
Catalog number
4
100
40
F204ACS-40/0.1
63
F204ACS-63/0.1
300
40
F204ACS-40/0.3
63
F204ACS-63/0.3
500
40
F204ACS-40/0.5
63
F204ACS-63/0.5
1000
40
F204ACS-40/1.0
63
F204ACS-63/1.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com