Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OVR40320SP Datasheet(PDF) 28 Page - ABB

Part # OVR40320SP
Description  DIN Rail circuit protective devices
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

OVR40320SP Datasheet(HTML) 28 Page - ABB

Back Button OVR40320SP Datasheet HTML 24Page - ABB OVR40320SP Datasheet HTML 25Page - ABB OVR40320SP Datasheet HTML 26Page - ABB OVR40320SP Datasheet HTML 27Page - ABB OVR40320SP Datasheet HTML 28Page - ABB OVR40320SP Datasheet HTML 29Page - ABB OVR40320SP Datasheet HTML 30Page - ABB OVR40320SP Datasheet HTML 31Page - ABB OVR40320SP Datasheet HTML 32Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 62 page
background image
Surge
Pr
otective
Devices
16.26
Low Voltage Products & Systems
1SXU000023C0202 Rev. A
ABB Inc. • 888-385-1221 • www.abb.us/lowvoltage
16
16
Photovoltaic surge protection
OVR PV DIN rail SPD
Introduction
Providing power with photovoltaic (PV) solar panels is an ever increasing part of public utilities’ renewable
energy portfolios, designed to provide electricity in an economical manner, within the context of regulations
and scarce resources. Installations are frequently in isolated areas, and combined with the large surface area
of a group of panels, the risk of damage from direct and indirect lightning strikes is high.
To mitigate this risk, ABB recommends the installation of OVR PV surge protective devices on the DC portion
of the system. ABB provides a wide range of surge protection devices that have been specifically designed
for photovoltaic systems.
The main features of the OVR PV surge protectors are:
• Built-in thermal protection with 25A DC breaking capacity
• Removable cartridges for easy maintenance with no need to isolate the line
• Remote signalling contact for monitoring the operating status (TS versions)
• No subsequent short-circuit current
• No risk if the polarity is reversed
• Approvals: UL 1449 3rd Ed, IEC
OVR PV DIN rail SPD
Catalog number
Maximum continuous
operating voltage, Ucpv
Max. discharge current
(Imax, 8/20µs, kA)
Aux. contact - remote
monitoring
Number of poles
Replacement cartridge
OVRPV15600PU
600
15
No
3
OVRPV15600CU
OVRPV15600PTSU
600
15
Yes
3
OVRPV15600CU
OVRPV40600PU
600
40
No
3
OVRPV40600CU
OVRPV40600PTSU
600
40
Yes
3
OVRPV40600CU
OVRPV15800PU
800
15
No
3
OVRPV15800CU
OVRPV15800PTSU
800
15
Yes
3
OVRPV15800CU
OVRPV40800PU
800
40
No
3
OVRPV40800CU
OVRPV40800PTSU
800
40
Yes
3
OVRPV40800CU
OVRPV151000PU
1000
15
No
3
OVRPV151000CU
OVRPV151000PTSU
1000
15
Yes
3
OVRPV151000CU
OVRPV401000PU
1000
40
No
3
OVRPV401000CU
OVRPV401000PTSU
1000
40
Yes
3
OVRPV401000CU
Replacement
cartridges
Catalog number
OVRPV15600CU
OVRPV15800CU
OVRPV151000CU
OVRPV40600CU
OVRPV40800CU
OVRPV401000CU
H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com