Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OVR40320SP Datasheet(PDF) 42 Page - ABB

Part # OVR40320SP
Description  DIN Rail circuit protective devices
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

OVR40320SP Datasheet(HTML) 42 Page - ABB

Back Button OVR40320SP Datasheet HTML 38Page - ABB OVR40320SP Datasheet HTML 39Page - ABB OVR40320SP Datasheet HTML 40Page - ABB OVR40320SP Datasheet HTML 41Page - ABB OVR40320SP Datasheet HTML 42Page - ABB OVR40320SP Datasheet HTML 43Page - ABB OVR40320SP Datasheet HTML 44Page - ABB OVR40320SP Datasheet HTML 45Page - ABB OVR40320SP Datasheet HTML 46Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 62 page
background image
Residual
Curr
ent
Devices
16.40
Low Voltage Products & Systems
1SXU000023C0202 Rev. A
ABB Inc. • 888-385-1221 • www.abb.us/lowvoltage
16
16
Technical data
F200AC, F200A
Item
F200AC
F200AC S
Approvals:
UL
1053
1053
CSA
-
-
VDE
-
-
IEC
-
-
Number of Poles:
2, 4
2, 4
Rated Currents:
16, 25, 40, 63, 80, 100, 125 1
40, 63
Operating Voltage:
Up to 480 VAC
Up to 480 VAC
Production Category:
IP20
IP20
Depth of Unit Per DIN 43880:
68mm/ 2.68 in.
68mm/ 2.68 in.
Mounting Position:
vertical, horizontal
vertical, horizontal
Standard Mounting:
35mm DIN rail
35mm DIN rail
Main and Shunt Trip Terminals:
Wire Size
18-4 AWG/.82-21.2mm²
18-4 AWG/.82-21.2mm²
Torque
17.5 in-lbs./1.978 nm
17.5 in-lbs./1.978 nm
Tool
#2 Posidrive
#2 Posidrive
Accessory Terminals
Wire Size
18-16 AWG/.82-1.3mm²
18-16 AWG/.82-1.3mm²
Torque
4.5 in-lbs./.51nm
4.5 in-lbs./.51nm
Tool
# 1 Posidrive
# 1 Posidrive
Service Life at Rated Load:
No Load 20,000 operations
No Load 20,000 operations
Full Load 10,000 operations
Full Load 10,000 operations
Shock Resistance:
30g minimum of 2 impacts,
30g minimum of 2 impacts,
shock duration of 13ms
shock duration of 13ms
Vibration Resistance:
5g, 20 cycles, 5 Hz, 150 Hz
5g, 20 cycles, 5 Hz, 150 Hz
@ 0.8 ~ ln
@ 0.8 ~ ln
Item
F200A
F200A AP-R
F200A S
Approvals:
UL
1053
1053
1053
CSA
-
-
-
VDE
-
-
-
IEC
-
-
-
Number of Poles:
2, 4
2, 4
2, 4
Rated Currents:
16, 25, 40, 63, 80, 100, 125 1
25, 40, 63, 80, 100, 125 1
40, 63, 100, 125 1
Operating Voltage:
Up to 480 VAC
Up to 480 VAC
Up to 480 VAC
Production Category:
IP20
IP20
IP20
Depth of Unit Per DIN 43880:
68mm/ 2.68 in.
68mm/ 2.68 in.
68mm/ 2.68 in.
Mounting Position:
vertical, horizontal
vertical, horizontal
vertical, horizontal
Standard Mounting:
35mm DIN rail
35mm DIN rail
35mm DIN rail
Main and Shunt Trip Terminals:
Wire Size
18-4 AWG/.82-21.2mm²
18-4 AWG/.82-21.2mm²
18-4 AWG/.82-21.2mm²
Torque
17.5 in-lbs./1.978 nm
17.5 in-lbs./1.978 nm
17.5 in-lbs./1.978 nm
Tool
#2 Posidrive
#2 Posidrive
#2 Posidrive
Accessory Terminals
Wire Size
18-16 AWG/.82-1.3mm²
18-16 AWG/.82-1.3mm²
18-16 AWG/.82-1.3mm²
Torque
4.5 in-lbs./.51nm
4.5 in-lbs./.51nm
4.5 in-lbs./.51nm
Tool
# 1 Posidrive
# 1 Posidrive
# 1 Posidrive
Service Life at Rated Load:
No Load 20,000 operations
No Load 20,000 operations
No Load 20,000 operations
Full Load 10,000 operations
Full Load 10,000 operations
Full Load 10,000 operations
Shock Resistance:
30g minimum of 2 impacts,
30g minimum of 2 impacts,
30g minimum of 2 impacts,
shock duration of 13ms
shock duration of 13ms
shock duration of 13ms
Vibration Resistance:
5g, 20 cycles, 5 Hz, 150 Hz
5g, 20 cycles, 5 Hz, 150 Hz
5g, 20 cycles, 5 Hz, 150 Hz
@ 0.8 ~ ln
@ 0.8 ~ ln
@ 0.8 ~ ln
1 125A versions are not UL approved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com