Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OVR40320SP Datasheet(PDF) 59 Page - ABB

Part # OVR40320SP
Description  DIN Rail circuit protective devices
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

OVR40320SP Datasheet(HTML) 59 Page - ABB

Back Button OVR40320SP Datasheet HTML 54Page - ABB OVR40320SP Datasheet HTML 55Page - ABB OVR40320SP Datasheet HTML 56Page - ABB OVR40320SP Datasheet HTML 57Page - ABB OVR40320SP Datasheet HTML 58Page - ABB OVR40320SP Datasheet HTML 59Page - ABB OVR40320SP Datasheet HTML 60Page - ABB OVR40320SP Datasheet HTML 61Page - ABB OVR40320SP Datasheet HTML 62Page - ABB  
Zoom Inzoom in Zoom Outzoom out
 59 / 62 page
background image
Low Voltage Products & Systems
16.57
ABB Inc. • 888-385-1221 • www.abb.us/lowvoltage
1SXU000023C0202 Rev. A
Command
Devices
E210
Series
16
16
E210 Pushbuttons with and without LEDs
E217-... Luminous pushbuttons (5 different LED colors)
Contacts
Rated voltage
Power loss
Button
color
Width
Catalog
number
VAC
W
mm
Rated current = 16A
LED voltage range - 12-48VAC/DC
1NO
250
0.72
White
9
E217-16-10B48
1NO
250
0.72
Red
9
E217-16-10C48
1NO
250
0.72
Green
9
E217-16-10D48
1NO
250
0.72
Yellow
9
E217-16-10E48
1NO
250
0.72
Blue
9
E217-16-10G48
1NC
250
0.72
White
9
E217-16-01B48
1NC
250
0.72
Red
9
E217-16-01C48
1NC
250
0.72
Green
9
E217-16-01D48
1NC
250
0.72
Yellow
9
E217-16-01E48
1NC
250
0.72
Blue
9
E217-16-01G48
LED voltage range - 110-220VDC
1NO
250
1.50
White
9
E217-16-10B220
1NO
250
1.50
Red
9
E217-16-10C220
1NO
250
1.50
Green
9
E217-16-10D220
1NO
250
1.50
Yellow
9
E217-16-10E220
1NO
250
1.50
Blue
9
E217-16-10G220
1NC
250
1.50
White
9
E217-16-01B220
1NC
250
1.50
Red
9
E217-16-01C220
1NC
250
1.50
Green
9
E217-16-01D220
1NC
250
1.50
Yellow
9
E217-16-01E220
1NC
250
1.50
Blue
9
E217-16-01G220



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com