Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OVR40320SP Datasheet(PDF) 55 Page - ABB

Part # OVR40320SP
Description  DIN Rail circuit protective devices
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

OVR40320SP Datasheet(HTML) 55 Page - ABB

Back Button OVR40320SP Datasheet HTML 51Page - ABB OVR40320SP Datasheet HTML 52Page - ABB OVR40320SP Datasheet HTML 53Page - ABB OVR40320SP Datasheet HTML 54Page - ABB OVR40320SP Datasheet HTML 55Page - ABB OVR40320SP Datasheet HTML 56Page - ABB OVR40320SP Datasheet HTML 57Page - ABB OVR40320SP Datasheet HTML 58Page - ABB OVR40320SP Datasheet HTML 59Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 62 page
background image
Low Voltage Products & Systems
16.53
ABB Inc. • 888-385-1221 • www.abb.us/lowvoltage
1SXU000023C0202 Rev. A
Command
Devices
E210
Series
16
16
Terminal assignment
1 NO
2 NO
3 NO
4 NO
1 NO
2 NO
3 NO
OFF switches with indicator lamps
ON / OFF switch
1 C/O
2 C/O
Change-over switches
E210 Switches
E211X-... ON-OFF switches with yellow LED for contact indication
LED voltage 115-250 VAC
Contacts
Rated voltage
Power loss
LED
color
Width
Catalog
number
VAC
W
mm
Rated current = 16A
1 NO
250
0.50
Yellow
9
E211X-16-10
2 NO
230/400
1.00
Yellow
18
E211X-16-20
3 NO
230/400
1.50
Yellow
18
E211X-16-30
Rated current = 25A
1 NO
250
0.75
Yellow
9
E211X-25-10
2 NO
230/400
1.95
Yellow
18
E211X-25-20
3 NO
230/400
2.70
Yellow
18
E211X-25-30
E213-... Change over switches
Contacts
Rated voltage
Power loss
LED
color
Width
Catalog
number
VAC
W
mm
Rated current = 16A
1 CO
250
0.32
–
9
E213-16-001
2 CO
250
0.82
–
18
E213-16-002
Rated current = 25A
1 CO
250
0.40
–
9
E213-25-001
2 CO
250
0.88
–
18
E213-25-002
The new change-over switches distinguish themselves through simple handling, easy mounting and optimal functionality. Example
applications include opening and closing of electrically operated flaps.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com