Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OVR40320SP Datasheet(PDF) 57 Page - ABB

Part # OVR40320SP
Description  DIN Rail circuit protective devices
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

OVR40320SP Datasheet(HTML) 57 Page - ABB

Back Button OVR40320SP Datasheet HTML 53Page - ABB OVR40320SP Datasheet HTML 54Page - ABB OVR40320SP Datasheet HTML 55Page - ABB OVR40320SP Datasheet HTML 56Page - ABB OVR40320SP Datasheet HTML 57Page - ABB OVR40320SP Datasheet HTML 58Page - ABB OVR40320SP Datasheet HTML 59Page - ABB OVR40320SP Datasheet HTML 60Page - ABB OVR40320SP Datasheet HTML 61Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 62 page
background image
Low Voltage Products & Systems
16.55
ABB Inc. • 888-385-1221 • www.abb.us/lowvoltage
1SXU000023C0202 Rev. A
Command
Devices
E210
Series
16
16
Switching capacity
according to EN 60669-1
Isolating properties
according to EN 60669-2-4; IEC/EN 60947-3
Utilization category
AC-22A; DC-22A acc. IEC/EN60947-3
Short-circuit withstand capacity[kA]
3
Rated voltage Un
[V]
250/400 in accordance with EN
240 in accordance UL 508
Lowest operating voltage
24 V; 25 mA
Rated current In
[A]
16, 25, 32
LED current
[mA]
5
Rated frequency
[Hz]
50/60
Modules
[No]
0.5 or 1
Sealable
in ON and OFF position
Climatic resistance
according to IEC 60068-2-2 (Dry heat)
IEC 60068-2-30 (Damp heat)
IEC 60068-2-1 (Cold)
Ambient temperature
[°C/°F]
-25°C/-13°F to +55°C/+131°F
Storage temperature
[°C]
-40°C to +70°C
Connection capacity
[mm2]
from 1x1 mm2 to 1x6 mm2 or 2x2.5 mm2 massive;
Flexible up 1x0.75 mm2 to 2x1.5 mm2 with connector
sleeve or pin end connector
Tightening torque
[Nm]
1.2 - 1.5
Positive opening
according to EN 60204-1
Standards
DIN EN 60669-1 *VDE 0632-1
DIN EN 60669-2-4 *VDE 0632-2-4
UL 508
Approvals
VDE, UL, GOST, CCC
E210 Switches
Technical data
500
400
300
200
100
70
60
50
40
30
20
10
U/V
1
2
3
4 5 6 7
10
16 20
30 40
I /A
32
DC switching capacity E211 32A
500
400
300
220
100
70
60
50
40
30
20
10
U/V
1
2
3
4 5
6
10
16
25
30
I /A
DC switching capacity E211 25A
500
400
300
220
100
70
60
50
40
30
20
10
U/V
1
2
3
4
5 6
7
10
15
18
I /A
16
DC switching capacity E211 16A
Ohmic load
Normally-open contact
Normally-closed contact
Load with time constant
t = 15ms (inductive load)
Normally-open contact
Normally-closed contact



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com