Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8716SEDS/R Datasheet(PDF) 4 Page - Wolfson Microelectronics plc

Part # WM8716SEDS/R
Description  High Performance 24-bit, 192kHz Stereo DAC
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8716SEDS/R Datasheet(HTML) 4 Page - Wolfson Microelectronics plc

  WM8716SEDS/R Datasheet HTML 1Page - Wolfson Microelectronics plc WM8716SEDS/R Datasheet HTML 2Page - Wolfson Microelectronics plc WM8716SEDS/R Datasheet HTML 3Page - Wolfson Microelectronics plc WM8716SEDS/R Datasheet HTML 4Page - Wolfson Microelectronics plc WM8716SEDS/R Datasheet HTML 5Page - Wolfson Microelectronics plc WM8716SEDS/R Datasheet HTML 6Page - Wolfson Microelectronics plc WM8716SEDS/R Datasheet HTML 7Page - Wolfson Microelectronics plc WM8716SEDS/R Datasheet HTML 8Page - Wolfson Microelectronics plc WM8716SEDS/R Datasheet HTML 9Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
WM8716
Production Data
w
PD Rev 4.1 September 2006
4
ABSOLUTE MAXIMUM RATINGS
Absolute Maximum Ratings are stress ratings only. Permanent damage to the device may be caused by continuously operating at
or beyond these limits. Device functional operating limits and guaranteed performance specifications are given under Electrical
Characteristics at the test conditions specified.
Wolfson tests its package types according to IPC/JEDEC J-STD-020B for Moisture Sensitivity to determine
acceptable storage conditions prior to surface mount assembly. These levels are:
MSL1 = unlimited floor life at <30
°C / 85% Relative Humidity. Not normally stored in moisture barrier bag.
MSL2 = out of bag storage for 1 year at <30
°C / 60% Relative Humidity. Supplied in moisture barrier bag.
MSL3 = out of bag storage for 168 hours at <30
°C / 60% Relative Humidity. Supplied in moisture barrier bag.
CONDITION
MIN
MAX
Supply voltage
-0.3V
+7.0V
Reference input
VDD + 0.3V
Operating temperature range, TA
-25°C
+85°C
Storage temperature
-65°C
+150°C
Voltage range digital inputs
DGND -0.3V
DVDD +0.3V
Master clock frequency
37MHz
RECOMMENDED OPERATING CONDITIONS
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Digital supply range
DVDD
-10%
3.3 to 5
+10%
V
Analogue supply range
AVDD
-10%
3.3 to 5
+10%
V
Ground
AGND, DGND
0
V
Difference DGND to AGND
-0.3
0
+0.3
V
Analogue supply current
AVDD = 5V
26
40
mA
Digital supply current
DVDD = 5V
22
35
mA
Analogue supply current
AVDD = 3.3V
25
mA
Digital supply current
DVDD = 3.3V
13
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com