Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8716SEDS/R Datasheet(PDF) 14 Page - Wolfson Microelectronics plc

Part # WM8716SEDS/R
Description  High Performance 24-bit, 192kHz Stereo DAC
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8716SEDS/R Datasheet(HTML) 14 Page - Wolfson Microelectronics plc

Back Button WM8716SEDS/R Datasheet HTML 10Page - Wolfson Microelectronics plc WM8716SEDS/R Datasheet HTML 11Page - Wolfson Microelectronics plc WM8716SEDS/R Datasheet HTML 12Page - Wolfson Microelectronics plc WM8716SEDS/R Datasheet HTML 13Page - Wolfson Microelectronics plc WM8716SEDS/R Datasheet HTML 14Page - Wolfson Microelectronics plc WM8716SEDS/R Datasheet HTML 15Page - Wolfson Microelectronics plc WM8716SEDS/R Datasheet HTML 16Page - Wolfson Microelectronics plc WM8716SEDS/R Datasheet HTML 17Page - Wolfson Microelectronics plc WM8716SEDS/R Datasheet HTML 18Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 27 page
background image
WM8716
Production Data
w
PD Rev 4.1 September 2006
14
REGISTER
BITS
NAME
DEFAULT
DESCRIPTION
[7:0]
AL[7:0]
FF
Attenuation data for left channel.
0
8
LDL
0
Attenuation data load control for left channel.
[7:0]
AR[7:0]
FF
Attenuation data for right channel.
1
8
LDR
0
Attenuation data load control for right channel.
0
MUT
0
Left and right DACs soft mute control.
1
DEM
0
De-emphasis control.
2
OPE
0
Left and right DACs operation control.
2
[4:3]
IW[1:0]
0
Input audio data bit select.
0
I2S
0
Audio data format select.
1
LRP
0
Polarity of LRCIN select.
2
ATC
0
Attenuator control.
3
SR0
0
Digital filter slow roll-off select.
4
REV
0
Output phase reverse.
5
CKO
0
CLKO frequency select.
[7:6]
SF[1:0]
0
Sampling rate select.
3
8
IZD
0
Infinite zero detection circuit control.
[5:4]
DIFF
0
Differential output mode.
4
6
CDD
0
Clock loss detector disable.
Table 6 Register Bit Descriptions
DAC OUTPUT ATTENUATION
The level of attenuation for eight bit code X, is given by:
0.5
∗ (X - 255) dB, 1 ≤ X ≤ 255
-
∞dB (mute),
X = 0
Bit 8 in register 0 (LDL) is used to control the loading of attenuation data in B[7:0]. When LDL is set
to 0, attenuation data will be loaded into AL[7:0], but it will not affect the filter attenuation. LDR in
register 1 has the same function for right channel attenuation. Only when LDL or LDR is set to '1' will
the filter attenuation be updated. This permits left and right channel attenuation to be updated
simultaneously.
Attenuation level is controlled by AL[7:0] (left channel) or AR[7:0] (right channel). Attenuation levels
are given in Table 4.
X[7:0]
ATTENUATION LEVEL
00(hex)
-
∞dB (mute)
01(hex)
-127.0dB
:
:
:
:
FD(hex)
-1.0dB
FE(hex)
-0.5dB
FF(hex)
0.0dB
Table 7 Attenuation Control Level
Bit 2 in Reg3 is used to control the attenuator (ATC). When ATC is “high”, the attenuation data
loaded in program register 0 is used for both the left and the right channels. When ATC is low, the
attenuation data for each register is applied separately to left and right channels.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com