Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8716SEDS/R Datasheet(PDF) 17 Page - Wolfson Microelectronics plc

Part # WM8716SEDS/R
Description  High Performance 24-bit, 192kHz Stereo DAC
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8716SEDS/R Datasheet(HTML) 17 Page - Wolfson Microelectronics plc

Back Button WM8716SEDS/R Datasheet HTML 13Page - Wolfson Microelectronics plc WM8716SEDS/R Datasheet HTML 14Page - Wolfson Microelectronics plc WM8716SEDS/R Datasheet HTML 15Page - Wolfson Microelectronics plc WM8716SEDS/R Datasheet HTML 16Page - Wolfson Microelectronics plc WM8716SEDS/R Datasheet HTML 17Page - Wolfson Microelectronics plc WM8716SEDS/R Datasheet HTML 18Page - Wolfson Microelectronics plc WM8716SEDS/R Datasheet HTML 19Page - Wolfson Microelectronics plc WM8716SEDS/R Datasheet HTML 20Page - Wolfson Microelectronics plc WM8716SEDS/R Datasheet HTML 21Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 27 page
background image
Production Data
WM8716
w
PD Rev 4.1September 2006
17
DIFFERENTIAL MONO MODE
Using bits 4 and 5, the differential output mode may be selected to be one of normal stereo, reversed
stereo, mono left or mono right, as shown in Table 19.
DIFF[1:0]
B[4:5])
DIFFERENTIAL OUTPUT MODE
00
Stereo
01
Stereo reverse.
10
Mono left – differential outputs.
VOUTL is left channel.
VOUTR is the negative of left channel.
11
Mono right – differential outputs.
VOUTL is the negative right channel.
VOUTR is right channel.
Table 19 Differential Output Modes
Using these controls a pair of WM8716 devices may be used to build a ‘dual differential’ stereo
implementation with higher performance and differential output.
CLOCK LOSS DETECTOR DISABLE
CDD (REG4, B6)
L
Clock loss detector on
R
Clock loss detector off
Table 20 Clock Loss Detector Disable
When the system clock is inactive for approximately 100
µs, the clock loss detector circuit detects the
loss of clock and the analogue circuitry is forced into a mute condition and the digital filters reset.
Setting the CDD bit disables this behaviour.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com