Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8716SEDS/R Datasheet(PDF) 6 Page - Wolfson Microelectronics plc

Part # WM8716SEDS/R
Description  High Performance 24-bit, 192kHz Stereo DAC
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8716SEDS/R Datasheet(HTML) 6 Page - Wolfson Microelectronics plc

Back Button WM8716SEDS/R Datasheet HTML 2Page - Wolfson Microelectronics plc WM8716SEDS/R Datasheet HTML 3Page - Wolfson Microelectronics plc WM8716SEDS/R Datasheet HTML 4Page - Wolfson Microelectronics plc WM8716SEDS/R Datasheet HTML 5Page - Wolfson Microelectronics plc WM8716SEDS/R Datasheet HTML 6Page - Wolfson Microelectronics plc WM8716SEDS/R Datasheet HTML 7Page - Wolfson Microelectronics plc WM8716SEDS/R Datasheet HTML 8Page - Wolfson Microelectronics plc WM8716SEDS/R Datasheet HTML 9Page - Wolfson Microelectronics plc WM8716SEDS/R Datasheet HTML 10Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
WM8716
Production Data
w
PD Rev 4.1 September 2006
6
Notes:
1.
Ratio of output level with 1kHz full scale input, to the output level with all zeros into the digital input, measured ‘A’
weighted over a 20Hz to 20kHz bandwidth.
2.
All performance measurements done with 20kHz low pass filter. Failure to use such a filter will result in higher THD+N
and lower SNR and Dynamic Range readings than are found in the Electrical Characteristics. The low pass filter
removes out of band noise; although it is not audible it may affect dynamic specification values.
3.
Except for Pin 12 (MODE8X) and Pin 17 (DIFFHW), where VIH = 2.6V min.
TERMINOLOGY
1.
Signal-to-noise ratio (dB) (SNR) is a measure of the difference in level between the full-scale output and the output
with no signal applied.
2.
Dynamic range (dB) (DNR) is a measure of the difference between the highest and lowest portions of a signal.
Normally a THD+N measurement at 60dB below full scale. The measured signal is then corrected by adding the 60dB
to it. (eg THD+N @ -60dB= -32dB, DR= 92dB).
3.
THD+N (dB) is a ratio of the r.m.s. values, of (Noise + Distortion)/Signal.
4.
Stop band attenuation (dB) is the degree to which the frequency spectrum is attenuated (outside audio band).
5.
Channel Separation (dB) (also known as Cross-Talk) is a measure of the amount one channel is isolated from the
other. Normally measured by sending a full-scale signal down one channel and measuring the other.
6.
Pass-Band Ripple - Any variation of the frequency response in the pass-band region.
BCKIN
DIN
LRCIN
t
BCH
t
BCL
t
BL
t
LB
t
BCY
t
DS
t
DH
Figure 1 Audio Data Input Timing
TEST CONDITIONS
AVDD, DVDD = 5V, AGND, DGND = 0V, TA = +25
oC, fs = 48kHz, SCKI = 256fs unless otherwise stated.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Audio Data Input Timing Information
BCKIN pulse cycle time
tBCY
100
ns
BCKIN pulse width high
tBCH
50
ns
BCKIN pulse width low
tBCL
50
ns
BCKIN rising edge
to LRCIN edge
tBL
30
ns
LRCIN rising edge
to BCKIN rising edge
tLB
30
ns
DIN setup time
tDS
30
ns
DIN hold time
tDH
30
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com