Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8716SEDS/R Datasheet(PDF) 20 Page - Wolfson Microelectronics plc

Part # WM8716SEDS/R
Description  High Performance 24-bit, 192kHz Stereo DAC
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8716SEDS/R Datasheet(HTML) 20 Page - Wolfson Microelectronics plc

Back Button WM8716SEDS/R Datasheet HTML 16Page - Wolfson Microelectronics plc WM8716SEDS/R Datasheet HTML 17Page - Wolfson Microelectronics plc WM8716SEDS/R Datasheet HTML 18Page - Wolfson Microelectronics plc WM8716SEDS/R Datasheet HTML 19Page - Wolfson Microelectronics plc WM8716SEDS/R Datasheet HTML 20Page - Wolfson Microelectronics plc WM8716SEDS/R Datasheet HTML 21Page - Wolfson Microelectronics plc WM8716SEDS/R Datasheet HTML 22Page - Wolfson Microelectronics plc WM8716SEDS/R Datasheet HTML 23Page - Wolfson Microelectronics plc WM8716SEDS/R Datasheet HTML 24Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 27 page
background image
WM8716
Production Data
w
PD Rev 4.1 September 2006
20
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1
0
10
20
30
40
50
60
Time (input samples)
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1
0
10
20
30
40
50
60
Time (input samples)
Figure 13 Impulse Response (Normal Roll-off,
no De-emphasis)
Figure 14 Impulse Response (Slow Roll-off,
no De-emphasis)
-10.0
-9.0
-8.0
-7.0
-6.0
-5.0
-4.0
-3.0
-2.0
-1.0
0.0
0
2000
4000
6000
8000
10000
12000
14000
16000
Frequency (Fs)
-10.0
-9.0
-8.0
-7.0
-6.0
-5.0
-4.0
-3.0
-2.0
-1.0
0.0
0
5000
10000
15000
20000
Frequency (Fs)
Figure 15 De-emphasis frequency response (fs=32kHz)
Figure 15 De-emphasis frequency response (fs=44.1kHz)
-10.0
-9.0
-8.0
-7.0
-6.0
-5.0
-4.0
-3.0
-2.0
-1.0
0.0
0
2000
4000
6000
8000
10000
12000
14000
16000
18000
20000
Frequency (Fs)
-0.4
-0.3
-0.2
-0.1
0.0
0.1
0.2
0.3
0.4
0
2000
4000
6000
8000
10000
12000
14000
16000
Frequency (Fs)
Figure 16 De-emphasis frequency response (fs=48kHz)
Figure 17 De-emphasis frequency response error
(fs=32kHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com